Electronic Components Datasheet Search
  English  ▼

X  

ADS1294 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1294
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1294 Datasheet(HTML) 48 Page - Texas Instruments

Back Button ADS1294 Datasheet HTML 44Page - Texas Instruments ADS1294 Datasheet HTML 45Page - Texas Instruments ADS1294 Datasheet HTML 46Page - Texas Instruments ADS1294 Datasheet HTML 47Page - Texas Instruments ADS1294 Datasheet HTML 48Page - Texas Instruments ADS1294 Datasheet HTML 49Page - Texas Instruments ADS1294 Datasheet HTML 50Page - Texas Instruments ADS1294 Datasheet HTML 51Page - Texas Instruments ADS1294 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
SBAS459H
– JANUARY 2010 – REVISED OCTOBER 2011
www.ti.com
CONFIG2: Configuration Register 2
Address = 02h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
0
WCT_CHOP
INT_TEST
0
TEST_AMP
TEST_FREQ1
TEST_FREQ0
Configuration Register 2 configures the test signal generation. See the Input Multiplexer section for more details.
Bits[7:6]
Must always be set to '0'
Bit 5
WCT_CHOP: WCT chopping scheme
This bit determines whether the chopping frequency of WCT amplifiers is variable or fixed.
0 = Chopping frequency varies, see Table 13
1 = Chopping frequency constant at fMOD/16
Bit 4
INT_TEST: TEST source
This bit determines the source for the Test signal.
0 = Test signals are driven externally (default)
1 = Test signals are generated internally
Bit 3
Must always be set to '0'
Bit 2
TEST_AMP: Test signal amplitude
These bits determine the calibration signal amplitude.
0 = 1
× –(VREFP – VREFN)/2.4mV (default)
1 = 2
× –(VREFP – VREFN)/2.4mV
Bits[1:0]
TEST_FREQ[1:0]: Test signal frequency
These bits determine the calibration signal frequency.
00 = Pulsed at fCLK/2
21 (default)
01 = Pulsed at fCLK/2
20
10 = Not used
11 = At dc
48
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com