Electronic Components Datasheet Search
  English  ▼

X  

ADS1294 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1294
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1294 Datasheet(HTML) 55 Page - Texas Instruments

Back Button ADS1294 Datasheet HTML 51Page - Texas Instruments ADS1294 Datasheet HTML 52Page - Texas Instruments ADS1294 Datasheet HTML 53Page - Texas Instruments ADS1294 Datasheet HTML 54Page - Texas Instruments ADS1294 Datasheet HTML 55Page - Texas Instruments ADS1294 Datasheet HTML 56Page - Texas Instruments ADS1294 Datasheet HTML 57Page - Texas Instruments ADS1294 Datasheet HTML 58Page - Texas Instruments ADS1294 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 88 page
background image
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
www.ti.com
SBAS459H
– JANUARY 2010 – REVISED OCTOBER 2011
CONFIG4: Configuration Register 4
Address = 17h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
RESP_FREQ2
RESP_FREQ1
RESP_FREQ0
0
SINGLE_SHOT
WCT_TO_RLD
PD_LOFF_COMP
0
Bits[7:5]
RESP_FREQ[2:0]: Respiration modulation frequency
These bits control the respiration control frequency when RESP_CTRL[1:0] = 10 or RESP_CTRL[1:0] = 10(1).
000 = 64kHz modulation clock
001 = 32kHz modulation clock
010 = 16kHz square wave on GPIO3 and GPIO04. Output on GPIO4 is 180 degree out of phase with GPIO3.
011 = 8kHz square wave on GPIO3 and GPIO04. Output on GPIO4 is 180 degree out of phase with GPIO3.
100 = 4kHz square wave on GPIO3 and GPIO04. Output on GPIO4 is 180 degree out of phase with GPIO3.
101 = 2kHz square wave on GPIO3 and GPIO04. Output on GPIO4 is 180 degree out of phase with GPIO3.
110 = 1kHz square wave on GPIO3 and GPIO04. Output on GPIO4 is 180 degree out of phase with GPIO3.
111 = 500Hz square wave on GPIO3 and GPIO04. Output on GPIO4 is 180 degree out of phase with GPIO3.
Modes 000 and 001 are modulation frequencies in internal and external respiration modes. In internal respiration mode, the
control signals appear at the RESP_MODP and RESP_MODN terminals. All other bit settings generate square waves as
described above on GPIO4 and GPIO3.
(1)
These frequencies assume fCLK = 2.048MHz.
Bit 4
Must always be set to '0'
Bit 3
SINGLE_SHOT: Single-shot conversion
This bit sets the conversion mode.
0 = Continuous conversion mode (default)
1 = Single-shot mode
Bit 2
WCT_TO_RLD: Connects the WCT to the RLD
This bit connects WCT to RLD.
0 = WCT to RLD connection off (default)
1 = WCT to RLD connection on
Bit 1
PD_LOFF_COMP: Lead-off comparator power-down
This bit powers down the lead-off comparators.
0 = Lead-off comparators disabled (default)
1 = Lead-off comparators enabled
Bit 0
Must always be set to '0'
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com