Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 109 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 109 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 105Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 106Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 107Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 108Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 109Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 110Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 111Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 112Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 113Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
108
March 06 , 2012
Rev. 1.50
109
March 06 , 2012
Programming Considerations
The TM Counter Registers and the Capture/Compare CCRA and CCRB registers, being either 10-bit
or 16-bit, all have a low and high byte structure. The high bytes can be directly accessed, but as the
low bytes can only be accessed via an internal 8-bit buffer, reading or writing to these register pairs
must be carried out in a specific way. The important point to note is that data transfer to and from the
8-bit buffer and its related low byte only takes place when a write or read operation to its
corresponding high byte is executed.
Data
Bus
8-bit
Buffer
TMxDH
TMxDL
TMxBH
TMxBL
TMxAH
TMxAL
TM Counter Register (Read only)
TM CCRA Register (Read/Write)
TM CCRB Register (Read/Write)
The following steps show the read and write procedures:
● Writing Data to CCRB or CCRA
♦ Step 1. Write data to Low Byte TMxAL or TMxBL
– note that here data is only written to the 8-bit buffer.
♦ Step 2. Write data to High Byte TMxAH or TMxBH
– here data is written directly to the high byte registers and simultaneously data is latched
from the 8-bit buffer to the Low Byte registers.
● Reading Data from the Counter Registers and CCRB or CCRA
♦ Step 1. Read data from the High Byte TMxDH, TMxAH or TMxBH
– here data is read directly from the High Byte registers and simultaneously data is latched
from the Low Byte register into the 8-bit buffer.
♦ Step 2. Read data from the Low Byte TMxDL, TMxAL or TMxBL
– this step reads data from the 8-bit buffer.
As the CCRA and CCRB registers are implemented in the way shown in the following diagram and
accessing these register pairs is carried out in a specific way described above, it is recommended to
use the “MOV” instruction to access the CCRA and CCRB low byte registers, named TMxAL and
TMxBL, using the following access procedures. Accessing the CCRA or CCRB low byte registers
without following these access procedures will result in unpredictable values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com