Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 110 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 110 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 106Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 107Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 108Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 109Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 110Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 111Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 112Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 113Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 114Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 242 page
background image
Rev. 1.50
110
March 06 , 2012
Rev. 1.50
111
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Compact Type TM
Although the simplest form of the three TM types, the Compact TM type still contains three
operating modes, which are Compare Match Output, Timer/Event Counter and PWM Output modes.
The Compact TM can also be controlled with an external input pin and can drive one or two external
output pins. These two external output pins can be the same signal or the inverse signal.
TM
Name
TM No.
TM Input Pin
TM Output Pin
HT67F30
10-bit CTM
0
TCK0
TP0_0, TP0_1
HT67F40
10-bit CTM
0
TCK0
TP0_0, TP0_1
HT67F50
10-bit CTM
0, 3
TCK0, TCK3
TP0_0, TP0_1; TP3_0, TP3_1
HT67F60
10-bit CTM
0, 3
TCK0, TCK3
TP0_0, TP0_1; TP3_0, TP3_1
Compact TM Operation
At its core is a 10-bit count-up counter which is driven by a user selectable internal or external clock
source. There are also two internal comparators with the names, Comparator A and Comparator P.
These comparators will compare the value in the counter with CCRP and CCRA registers. The
CCRP is three bits wide whose value is compared with the highest three bits in the counter while the
CCRA is the ten bits and therefore compares with all counter bits.
The only way of changing the value of the 10-bit counter using the application program, is to clear
the counter by changing the TnON bit from low to high. The counter will also be cleared
automatically by a counter overflow or a compare match with one of its associated comparators.
When these conditions occur, a TM interrupt signal will also usually be generated. The Compact
Type TM can operate in a number of different operational modes, can be driven by different clock
sources including an input pin and can also control an output pin. All operating setup conditions are
selected using relevant internal registers.
CCRP
CCRA
Tn CC LR
Co mp ar at or P M at ch
Co mp ar at or A Ma tc h
Tn CK 2~ Tn CK 0
Tn ON
Tn PAU
b7 ~b 9
3 -b it C om par at or P
TC Kn
10 - bi t Co m par at or A
Co unt er C le ar
10 -b it C ount -u p Co unt er
Tn PF I nt e rru pt
Tn AF I nt e rru pt
TP n Pi n
Ou tp u t
b0 ~b 9
Tn M1 , Tn M0
Tn IO 1, T nI O0
Tn PO L
Tn OC
Po la ri ty
Co nt ro l
Ou tp u t
Co nt ro l
TP n_0
TP n_1
11 1
00 0
00 1
01 0
01 1
10 0
10 1
11 0
f SYS /4
f SYS
f H /1 6
f H /6 4
f TB C
Re se rv ed
0
1
Compact Type TM Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com