Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 111 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 111 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 107Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 108Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 109Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 110Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 111Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 112Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 113Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 114Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 115Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
110
March 06 , 2012
Rev. 1.50
111
March 06 , 2012
Compact Type TM Register Description
Overall operation of the Compact TM is controlled using six registers. A read only register pair
exists to store the internal counter 10-bit value, while a read/write register pair exists to store the
internal 10-bit CCRA value. The remaining two registers are control registers which setup the
different operating and control modes as well as the three CCRP bits.
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TMnC0
TnPAU
TnCK2
TnCK1
TnCK0
TnON
TnRP2
TnRP1
TnRP0
TMnC1
TnM1
TnM0
TnIO1
TnIO0
TnOC
TnPOL
TnDPX
TnCCLR
TMnDL
D7
D6
D5
D4
D3
D2
D1
D0
TMnDH
—
—
—
—
—
—
D9
D8
TMnAL
D7
D6
D5
D4
D3
D2
D1
D0
TMnAH
—
—
—
—
—
—
D9
D8
Compact TM Register List (n=0 or 3)
●
TMnDL Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R
R
R
R
R
R
R
R
POR
0
0
0
0
0
0
0
0
Bit 7~0
TMnDL: TMn Counter Low Byte Register bit 7 ~ bit 0
TMn 10-bit Counter bit 7 ~ bit 0
●
TMnDH Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
D9
D8
R/W
—
—
—
—
—
—
R
R
POR
—
—
—
—
—
—
0
0
Bit 7~2
Unimplemented, read as "0"
Bit 1~0
TMnDH: TMn Counter High Byte Register bit 1 ~ bit 0
TMn 10-bit Counter bit 9 ~ bit 8
●
TMnAL Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7~0
TMnAL: TMn CCRA Low Byte Register bit 7 ~ bit 0
TMn 10-bit CCRA bit 7 ~ bit 0
●
TMnAH Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
D9
D8
R/W
—
—
—
—
—
—
R/W
R/W
POR
—
—
—
—
—
—
0
0
Bit 7~2
Unimplemented, read as "0"
Bit 1~0
TMnAH: TMn CCRA High Byte Register bit 1 ~ bit 0
TMn 10-bit CCRA bit 9 ~ bit 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com