Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 114 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 114 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 110Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 111Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 112Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 113Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 114Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 115Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 116Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 117Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 118Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 242 page
background image
Rev. 1.50
114
March 06 , 2012
Rev. 1.50
115
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
It has no effect if the TM is in the Timer/Counter Mode. In the Compare Match Output
Mode it determines the logic level of the TM output pin before a compare match
occurs. In the PWM Mode it determines if the PWM signal is active high or active
low.
Bit 2
TnPOL: TPn_0, TPn_1 Output polarity Control
0: Non-invert
1: Invert
This bit controls the polarity of the TPn_0 or TPn_1 output pin. When the bit is set
high the TM output pin will be inverted and not inverted when the bit is zero. It has no
effect if the TM is in the Timer/Counter Mode.
Bit 1
TnDPX: TMn PWM period/duty Control
0: CCRP - period; CCRA - duty
1: CCRP - duty; CCRA - period
This bit, determines which of the CCRA and CCRP registers are used for period and
duty control of the PWM waveform.
Bit 0
TnCCLR: Select TMn Counter clear condition
0: TMn Comparatror P match
1: TMn Comparatror A match
This bit is used to select the method which clears the counter. Remember that the
Compact TM contains two comparators, Comparator A and Comparator P, either of
which can be selected to clear the internal counter. With the TnCCLR bit set high, the
counter will be cleared when a compare match occurs from the Comparator A. When
the bit is low, the counter will be cleared when a compare match occurs from the
Comparator P or with a counter overflow. A counter overflow clearing method can
only be implemented if the CCRP bits are all cleared to zero. The TnCCLR bit is not
used in the PWM Mode.
Compact Type TM Operating Modes
The Compact Type TM can operate in one of three operating modes, Compare Match Output Mode,
PWM Mode or Timer/Counter Mode. The operating mode is selected using the TnM1 and TnM0
bits in the TMnC1 register.
Compare Match Output Mode
To select this mode, bits TnM1 and TnM0 in the TMnC1 register, should be set to 00 respectively.
In this mode once the counter is enabled and running it can be cleared by three methods. These are a
counter overflow, a compare match from Comparator A and a compare match from Comparator P.
When the TnCCLR bit is low, there are two ways in which the counter can be cleared. One is when
a compare match occurs from Comparator P, the other is when the CCRP bits are all zero which
allows the counter to overflow. Here both TnAF and TnPF interrupt request flags for the Comparator
A and Comparator P respectively, will both be generated.
If the TnCCLR bit in the TMnC1 register is high then the counter will be cleared when a compare
match occurs from Comparator A. However, here only the TnAF interrupt request flag will be
generated even if the value of the CCRP bits is less than that of the CCRA registers. Therefore when
TnCCLR is high no TnPF interrupt request flag will be generated. If the CCRA bits are all zero, the
counter will overflow when its reaches its maximum 10-bit, 3FF Hex, value, however here the TnAF
interrupt request flag will not be generated.
As the name of the mode suggests, after a comparison is made, the TM output pin will change state.
The TM output pin condition however only changes state when an TnAF interrupt request flag is
generated after a compare match occurs from Comparator A. The TnPF interrupt request flag,
generated from a compare match occurs from Comparator P, will have no effect on the TM output
pin. The way in which the TM output pin changes state are determined by the condition of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com