Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 169 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 169 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 165Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 166Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 167Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 168Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 169Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 170Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 171Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 172Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 173Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
168
March 06 , 2012
Rev. 1.50
169
March 06 , 2012
I2C Interface
The I2C interface is used to communicate with external peripheral devices such as sensors,
EEPROM memory etc. Originally developed by Philips, it is a two line low speed serial interface for
synchronous serial data transfer. The advantage of only two lines for communication, relatively
simple communication protocol and the ability to accommodate multiple devices on the same bus
has made it an extremely popular interface type for many applications.
De vi ce
Sl av e
De vi ce
Ma st er
De vi ce
Sl av e
VD D
SD A
SC L
I2C Master Slave Bus Connection
● I2C Interface Operation
The I2C serial interface is a two line interface, a serial data line, SDA, and serial clock line, SCL.
As many devices may be connected together on the same bus, their outputs are both open drain
types. For this reason it is necessary that external pull-high resistors are connected to these
outputs. Note that no chip select line exists, as each device on the I2C bus is identified by a unique
address which will be transmitted and received on the I2C bus.
When two devices communicate with each other on the bidirectional I2C bus, one is known as the
master device and one as the slave device. Both master and slave can transmit and receive data,
however, it is the master device that has overall control of the bus. For these devices, which only
operates in slave mode, there are two methods of transferring data on the I2C bus, the slave
transmit mode and the slave receive mode.
There are several configuration options associated with the I2C interface. One of these is to enable
the function which selects the SIM pins rather than normal I/O pins. Note that if the configuration
option does not select the SIM function then the SIMEN bit in the SIMC0 register will have no
effect. A configuration option exists to allow a clock other than the system clock to drive the I2C
interface. Another configuration option determines the debounce time of the I2C interface. This
uses the internal clock to in effect add a debounce time to the external clock to reduce the
possibility of glitches on the clock line causing erroneous operation. The debounce time, if
selected, can be chosen to be either 1 or 2 system clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com