Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 170 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 170 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 166Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 167Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 168Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 169Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 170Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 171Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 172Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 173Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 174Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 242 page
background image
Rev. 1.50
170
March 06 , 2012
Rev. 1.50
171
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
ST AR T si gnal
fr om M as te r
S end sl av e a ddr es s
and R/ W bi t f ro m Ma st er
Ac kn ow le dge
fr om s la ve
Se nd d at a by te
fr om M as te r
Ac kn ow le dg e
fr om s la ve
ST OP s i gnal
fr om M as te r
● I2C Registers
There are three control registers associated with the I2C bus, SIMC0, SIMC1 and SIMA and one
data register, SIMD. The SIMD register, which is shown in the above SPI section, is used to store
the data being transmitted and received on the I2C bus. Before the microcontroller writes data to
the I2C bus, the actual data to be transmitted must be placed in the SIMD register. After the data is
received from the I2C bus, the microcontroller can read it from the SIMD register. Any
transmission or reception of data from the I2C bus must be made via the SIMD register.
Note that the SIMA register also has the name SIMC2 which is used by the SPI function. Bit
SIMEN and bits SIM2~SIM0 in register SIMC0 are used by the I2C interface.
Register
Name
Bit
7
6
5
4
3
2
1
0
SIMC0
SIM2
SIM1
SIM0
PCKEN
PCKP1
PCKP0
SIMEN
—
SIMC1
HCF
HAAS
HBB
HTX
TXAK
SRW
IAMWU
RXAK
SIMD
D7
D6
D5
D4
D3
D2
D1
D0
SIMA
IICA6
IICA5
IICA4
IICA3
IICA2
IICA1
IICA0
D0
I2C Registers List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com