Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 172 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 172 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 168Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 169Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 170Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 171Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 172Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 173Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 174Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 175Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 176Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 242 page
background image
Rev. 1.50
172
March 06 , 2012
Rev. 1.50
173
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
●
SIMC0 Register
Bit
7
6
5
4
3
2
1
0
Name
SIM2
SIM1
SIM0
PCKEN
PCKP1
PCKP0
SIMEN
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
—
POR
1
1
1
0
0
0
0
—
Bit 7~5
SIM2, SIM1, SIM0: SIM Operating Mode Control
000: SPI master mode; SPI clock is fSYS/4
001: SPI master mode; SPI clock is fSYS/16
010: SPI master mode; SPI clock is fSYS/64
011: SPI master mode; SPI clock is fTBC
100: SPI master mode; SPI clock is TM0 CCRP match frequency/2
101: SPI slave mode
110: I2C slave mode
111: Unused mode
These bits setup the overall operating mode of the SIM function. As well as selecting
if the I2C or SPI function, they are used to control the SPI Master/Slave selection and
the SPI Master clock frequency. The SPI clock is a function of the system clock but
can also be chosen to be sourced from the TM0. If the SPI Slave Mode is selected then
the clock will be supplied by an external Master device.
Bit 4
PCKEN: PCK Output Pin Control
0: Disable
1: Enable
Bit 3~2
PCKP1, PCKP0: Select PCK output pin frequency
00: fSYS
01: fSYS/4
10: fSYS/8
11: TM0 CCRP match frequency/2
Bit 1
SIMEN: SIM Control
0: Disable
1: Enable
The bit is the overall on/off control for the SIM interface. When the SIMEN bit is
cleared to zero to disable the SIM interface, the SDI, SDO, SCK and SCS, or SDA and
SCL lines will be in a floating condition and the SIM operating current will be reduced
to a minimum value. When the bit is high the SIM interface is enabled. The SIM
configuration option must have first enabled the SIM interface for this bit to be
effective. If the SIM is configured to operate as an SPI interface via SIM2~SIM0 bits,
the contents of the SPI control registers will remain at the previous settings when the
SIMEN bit changes from low to high and should therefore be first initialised by the
application program. If the SIM is configured to operate as an I2C interface via the
SIM2~SIM0 bits and the SIMEN bit changes from low to high, the contents of the I2C
control bits such as HTX and TXAK will remain at the previous settings and should
therefore be first initialised by the application program while the relevant I2C flags
such as HCF, HAAS, HBB, SRW and RXAK will be set to their default states.
Bit 0
unimplemented, read as "0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com