Electronic Components Datasheet Search
  English  ▼

X  

WM8961 Datasheet(PDF) 112 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 112 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 116Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 112 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
112
REGISTER
SETTING
COMMENT
0x0F - write
0x0000
Reset device if required
0x0F - read
-
Read Chip ID (=0x1801)
0x08 - write
0x01F4
Enable system clocks
0x52 - write
0x0003
Headphone Class W power switching
0x57 - write
0x0020
Enable the write sequencer, DAC to headphone
playback with -20dB volume setting.
0x5A - write
0x0080
Start the write sequencer to configure pre-programmed
enable of the DAC playback (digital input to headphone
output) path. Analogue input PGAs still muted.
Allow enough time for the sequencer to finish
0x5D - read
-
Read status of write sequencer and wait until the
WSEQ_BUSY,bit0,=0 which indicates that the DAC
playback path has been configured. Then continue.
0x1A - write
0x01FC
Enable the Speaker PGAs, SPKL_PGA and SPKR_PGA
0x33 - write
0x0001
Program the CLASSD_ACGAIN to x1.5
0x31 - write
0x00C0
Enable the speakers SPKR_ENA and SPKL_ENA
0x28 - write
0x0079
Set the left speaker volume SPKLVOL to 0dB (which
defaults to mute), change on zero cross only
0x29 - write
0x0079
Set the right speaker volume SPKRVOL to 0dB (which
defaults to mute), change on zero cross only
0x29 - write
0x0179
Update speaker volume SPKVU
Table 69 Register Settings for DAC to Speaker and headphone Outputs
The above configuration enables the speaker and the headphone outputs.
SWITCHING BETWEEN HEADPHONE AND SPEAKERS
With DAC to speaker and headphone playback enabled, switching between headphone and speaker
outputs should be done using the PGA and mute bits as shown in Table 70 and Table 71. This
achieves best pop-click performance.
To save power, it may also be desirable to apply power management settings in addition to the
settings shown, however note that disabled PGAs leave a resistive path hence do not achieve the
published mute attenuation specifications.
0x02 - write
0x012F
Headphone L mute
0x03 - write
0x012F
Headphone R mute
0x28 - write
0x0079
Set the left speaker volume SPKRVOL to 0dB
0x29 - write
0x0179
Set the right speaker volume to 0dB and update speaker
volume SPKVU
Table 70 Switching from Headphone playback to Speaker Playback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com