Electronic Components Datasheet Search
  English  ▼

X  

WM8961 Datasheet(PDF) 114 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 114 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 116Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 114 / 116 page
background image
Pre-Production
WM8961
w
PP, August 2009, Rev 3.1
114
REGISTER
SETTING
COMMENT
0x0F - write
0x0000
Reset device if required
0x0F - read
-
Read Chip ID (=0x1801)
0x08 - write
0x01F4
Enable system clocks
0x57 - write
0x0020
Enable the write sequencer.
0x5A - write
0x0080
Start the write sequencer to configure pre-programmed
enable of the DAC playback (digital input to headphone
output) path. Analogue input PGAs still muted.
Allow enough time for the sequencer to finish
0x5D - read
-
Read status of write sequencer and wait until the
WSEQ_BUSY,bit0,=0 which indicates that the DAC
playback path has been configured. Then continue.
0x5A - write
0x0092
Start the write sequencer to configure pre-programmed
enable of the ADC record (line input to digital output)
path
Allow enough time for the sequencer to finish
0x5D - read
-
Read status of write sequencer and wait until the
WSEQ_BUSY,bit0,=0. Then continue.
0x00 - write
0x011F
Unmute left analogue input, leave input PGA volume
gain at default 0dB
0x01 - write
0x011F
Unmute right analogue input, leave input PGA volume
gain at default 0dB
Table 72 Register Settings for LRINPUT to ADC Record



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com