Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  Deterministic, Low Transmit and Receive Latency, Selectable Frequency Synchronized Clock Output, Dynamic Link Quality Monitoring
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 35 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 31Page - Texas Instruments DP83620 Datasheet HTML 32Page - Texas Instruments DP83620 Datasheet HTML 33Page - Texas Instruments DP83620 Datasheet HTML 34Page - Texas Instruments DP83620 Datasheet HTML 35Page - Texas Instruments DP83620 Datasheet HTML 36Page - Texas Instruments DP83620 Datasheet HTML 37Page - Texas Instruments DP83620 Datasheet HTML 38Page - Texas Instruments DP83620 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 105 page
background image
2.2 k:
PHYAD1 = 1
PHYAD2 = 0
PHYAD3 = 0
PHYAD4 = 0
VCC
PHYAD0 = 1
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
Since the PHYAD[0] pin has weak internal pull-up resistor and PHYAD[4:1] pins have weak internal pull-
down resistors, the default setting for the PHY address is 00001 (01h).
Refer to Figure 5-1 for an example of a PHYAD connection to external components. In this example, the
PHYAD strapping results in address 00011 (03h).
Figure 5-1. PHYAD Strapping Example
5.5.1
MII Isolate Mode
It is recommended that the user have a basic understanding of Clause 22 of the 802.3u standard.
The DP83620 can be put into MII Isolate Mode by writing a 1 to bit 10 of the BMCR register. Strapping the
PHY Address to 0 will force the device into Isolate Mode when powered up. It should be noted that
selecting Physical Address 0 via an MDIO write to PHYCR will not put the device in the MII isolate mode.
When in the MII Isolate Mode, the DP83620 does not respond to packet data present at TXD[3:0] and
TX_EN inputs and presents a high impedance on the TX_CLK, RX_CLK, RX_DV, RX_ER, RXD[3:0],
COL, and CRS/CRS_DV outputs. When in Isolate Mode, the DP83620 will continue to respond to all serial
management transactions over the MII.
While in Isolate Mode, the PMD output pair will not transmit packet data but will continue to source
100BASE-TX scrambled idles or 10BASE-T normal link pulses.
The DP83620 can Auto-Negotiate or parallel detect to a specific technology depending on the receive
signal at the PMD input pair. A valid link can be established for the receiver even when the DP83620 is in
Isolate Mode.
5.5.2
Broadcast Mode
The DP83620 is also capable of accepting broadcast messages (register writes to PHY address 0x1F).
Setting the BC_WRITE to 1, bit 11 of the PHY Control Register 2 (PHYCR2) at address 0x1C, will
configure the device to accept broadcast messages independent of the local PHY Address value.
5.6
LED INTERFACE
The
DP83620
supports
three
configurable
Light
Emitting
Diode
(LED)
pins:
LED_LINK,
LED_SPEED/FX_SD, and LED_ACT.
Several functions can be multiplexed onto the three LEDs using three different modes of operation. The
LED operation mode can be selected by writing to the LED_CFG[1:0] register bits in the PHY Control
Register (PHYCR) at address 19h, bits [6:5]. LED_CFG[1] is only controllable through register access and
cannot be set by a strap pin.
See Table 5-3 for LED Mode selection.
Copyright © 2011–2013, Texas Instruments Incorporated
Configuration
35
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com