Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  Deterministic, Low Transmit and Receive Latency, Selectable Frequency Synchronized Clock Output, Dynamic Link Quality Monitoring
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 37 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 33Page - Texas Instruments DP83620 Datasheet HTML 34Page - Texas Instruments DP83620 Datasheet HTML 35Page - Texas Instruments DP83620 Datasheet HTML 36Page - Texas Instruments DP83620 Datasheet HTML 37Page - Texas Instruments DP83620 Datasheet HTML 38Page - Texas Instruments DP83620 Datasheet HTML 39Page - Texas Instruments DP83620 Datasheet HTML 40Page - Texas Instruments DP83620 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 105 page
background image
VCC
165:
165:
165:
GND
AN0 = 1
AN1 = 1
AN_EN = 0
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
Figure 5-2. AN Strapping and LED Loading Example
5.6.2
LED Direct Control
The DP83620 provides another option to directly control any or all LED outputs through the LED Direct
Control Register (LEDCR), address 18h. The register does not provide read access to LEDs.
5.7
HALF DUPLEX vs. FULL DUPLEX
The DP83620 supports both half and full duplex operation at both 10 Mb/s and 100 Mb/s speeds.
Half-duplex relies on the CSMA/CD protocol to handle collisions and network access. In Half-Duplex
mode, Carrier Sense (CRS) responds to both transmit and receive activity in order to maintain compliance
with the IEEE 802.3 specification.
Since the DP83620 is designed to support simultaneous transmit and receive activity it is capable of
supporting full-duplex switched applications with a throughput of up to 200 Mb/s when operating in either
100BASE-TX or 100BASE-FX. Because the CSMA/CD protocol does not apply to full-duplex operation,
the DP83620 disables its own internal collision sensing and reporting functions and modifies the behavior
of CRS such that it indicates only receive activity. This allows a full-duplex capable MAC to operate
properly.
All modes of operation (100BASE-TX, 100BASE-FX, 10BASE-T) can run either half-duplex or full-duplex.
Additionally, other than CRS and collision reporting, all remaining MII signaling remains the same
regardless of the selected duplex mode.
It is important to understand that while Auto-Negotiation with the use of Fast Link Pulse code words can
interpret and configure to full-duplex operation, parallel detection can not recognize the difference between
full and half-duplex from a fixed 10 Mb/s or 100 Mb/s link partner over twisted pair. As specified in the
802.3u specification, if a far-end link partner is configured to a forced full-duplex 100BASE-TX ability, the
parallel detection state machine in the partner would be unable to detect the full-duplex capability of the
far-end link partner. This link segment would negotiate to a half-duplex 100BASE-TX configuration (same
scenario for 10 Mb/s).
Auto-Negotiation is not supported in 100BASE-FX operation. Selection of Half or Full-duplex operation is
controlled by bit 8 of the Basic Mode Control Register (BMCR), address 00h. If 100BASE-FX mode is
strapped using the RX_ER pin, the AN0 strap value is used to set the value of bit 8 of the BMCR (00h)
register. Note that the other Auto-Negotiation strap pins (AN_EN and AN1) are ignored in 100BASE-FX
mode.
Copyright © 2011–2013, Texas Instruments Incorporated
Configuration
37
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com