Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  Deterministic, Low Transmit and Receive Latency, Selectable Frequency Synchronized Clock Output, Dynamic Link Quality Monitoring
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 69 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 65Page - Texas Instruments DP83620 Datasheet HTML 66Page - Texas Instruments DP83620 Datasheet HTML 67Page - Texas Instruments DP83620 Datasheet HTML 68Page - Texas Instruments DP83620 Datasheet HTML 69Page - Texas Instruments DP83620 Datasheet HTML 70Page - Texas Instruments DP83620 Datasheet HTML 71Page - Texas Instruments DP83620 Datasheet HTML 72Page - Texas Instruments DP83620 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 105 page
background image
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
Table 10-2. Register Table (continued)
Register Name
Addr
Tag
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Link Quality Data
1Eh
LQDR
Reserved
Reserved
SAMPLE_ WRITE_LQ LQ_PARA
LQ_PARA
LQ_PARA LQ_THR_S LQ_THR_D LQ_THR_D LQ_THR_DA LQ_THR_D LQ_THR_DA LQ_THR_D LQ_THR_DA LQ_THR_D
Register
PARAM
_THR
M_SEL
M_SEL
M_SEL
EL
ATA
ATA
TA
ATA
TA
ATA
TA
ATA
Link Quality
1Fh
LQMR2
Reserved
Reserved
Reserved
Reserved
Reserved RESTART_ Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
VAR_HI_WA
Reserved
Monitor Register 2
ON_VAR
RN
PHY STATUS FRAME CONFIGURATION REGISTER - PAGE 5
PHY Status Frame 18h
PSF_CFG
Reserved
Reserved
Reserved
MAC_SRC MAC_SRC
MIN_PRE
MIN_PRE
MIN_PRE
PSF_ENDI PSF_IPV4
PSF_PCF_R PSF_ERR_ PSF_TXTS_E Reserved
Reserved
Reserved
Configuration
_ADD
_ADD
AN
D
EN
N
Register
Copyright © 2011–2013, Texas Instruments Incorporated
Register Block
69
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com