Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  Deterministic, Low Transmit and Receive Latency, Selectable Frequency Synchronized Clock Output, Dynamic Link Quality Monitoring
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 80 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 76Page - Texas Instruments DP83620 Datasheet HTML 77Page - Texas Instruments DP83620 Datasheet HTML 78Page - Texas Instruments DP83620 Datasheet HTML 79Page - Texas Instruments DP83620 Datasheet HTML 80Page - Texas Instruments DP83620 Datasheet HTML 81Page - Texas Instruments DP83620 Datasheet HTML 82Page - Texas Instruments DP83620 Datasheet HTML 83Page - Texas Instruments DP83620 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 105 page
background image
DP83620
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
Table 10-14. MII Interrupt Status and Event Control Register (MISR), address 0x12 (continued)
Bit
Bit Name
Default
Description
4
SPD_INT_EN
0, RW
Enable Interrupt on change of speed status.
3
DUP_INT_EN
0, RW
Duplex Interrupt:
Enable Interrupt on change of duplex status.
2
ANC_INT_EN
0, RW
Enable Interrupt on auto-negotiation complete event.
1
FHF_INT_EN
0, RW
FHF Interrupt:
or
Enable Interrupt on False Carrier Counter Register halffull event. This function is
CTR_INT_EN
selected if the PHYCR2[8:7] are both 0.
CTR Interrupt:
Enable interrupt on either Receive Error Counter Register half-full event or False
Carrier Counter Register half-full event. This function is selected if either of
PCFCR[7:6] are set.
0
RHF_INT_EN
0, RW
RHF Interrupt:
or
Enable Interrupt on Receive Error Counter Register halffull event. This function is
PCF_INT_EN
selected if the PHYCR2[8:7] are both 0.
PCF Interrupt:
Enable Interrupt on a PHY Control Frame event. This function is selected if either
of PCFCR[7:6] are set.
10.1.13 Page Select Register (PAGESEL)
This register is used to enable access to the Link Diagnostics Registers.
Table 10-15. Page Select Register (PAGESEL), address 0x13
Bit
Bit Name
Default
Description
15:3
RESERVED
0000 0000 0000 0,
RESERVED: Writes ignored, read as 0
RO
2:0
PAGE_SEL
000, RW
Page_Sel Bits:
Selects between paged registers for address 14h to 1Fh.
0 = Extended Registers Page 0
1 = Test Registers Page 1
2 = Link Diagnostics Registers Page 2
5 = PHY Status Frame Configuration Register Page 5
10.2 EXTENDED REGISTERS - PAGE 0
10.2.1 False Carrier Sense Counter Register (FCSCR)
This counter provides information required to implement the “False Carriers” attribute within the MAU
managed object class of Clause 30 of the IEEE 802.3u specification.
Table 10-16. False Carrier Sense Counter Register (FCSCR), address 0x14
Bit
Bit Name
Default
Description
15:8
RESERVED
0000 0000, RO
RESERVED: Writes ignored, read as 0
7:0
FCSCNT[7:0]
0000 0000, RO/COR
False Carrier Event Counter:
This 8-bit counter increments on every false carrier event. This counter sticks when
it reaches its maximum count (FFh).
80
Register Block
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com