Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  Deterministic, Low Transmit and Receive Latency, Selectable Frequency Synchronized Clock Output, Dynamic Link Quality Monitoring
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 95 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 91Page - Texas Instruments DP83620 Datasheet HTML 92Page - Texas Instruments DP83620 Datasheet HTML 93Page - Texas Instruments DP83620 Datasheet HTML 94Page - Texas Instruments DP83620 Datasheet HTML 95Page - Texas Instruments DP83620 Datasheet HTML 96Page - Texas Instruments DP83620 Datasheet HTML 97Page - Texas Instruments DP83620 Datasheet HTML 98Page - Texas Instruments DP83620 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 105 page
background image
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
10.4.7 Variance Control Register (VAR_CTRL), Page 2
The Variance Control and Data Registers provide control and status for the Cable Signal Quality
Estimation function. The Cable Signal Quality Estimation allows a simple method of determining an
approximate Signal-to-Noise Ratio for the 100 Mb receiver. This register contains the programmable
controls and status bits for the variance computation, which can be used to make a simple Signal-to-Noise
Ratio estimation.
Table 10-34. Variance Control Register (VAR_CTRL), address 0x1A
Bit
Bit Name
Default
Description
15
VAR_RDY
0, RO
Variance Data Ready Status:
Indicates new data is available in the Variance data register. This bit will be
automatically cleared after two consecutive reads of VAR_DATA.
14:4
RESERVED
000 0000 0000, RO
RESERVED: Writes ignored, read as 0.
3
VAR_FREEZE
0, RW
Freeze Variance Registers:
Freeze VAR_DATA register.
This bit is ensures that VAR_DATA register is frozen for software reads. This bit is
automatically cleared after two consecutive reads of VAR_DATA.
2:1
VAR_TIMER
00, RW
Variance Computation Timer (in ms):
Selects the Variance computation timer period. After a new value is written,
computation is automatically restarted. New variance register values are loaded
after the timer elapses.
Var_Timer = 0 => 2 ms timer (default)
Var_Timer = 1 => 4 ms timer
Var_Timer = 2 => 6 ms timer
Var_Timer = 3 => 8 ms timer
Time units are actually 217 cycles of an 8 ns clock, or 1.048576 ms.
0
VAR_ENABLE
0, RW
Variance Enable:
Enable Variance computation. Off by default.
10.4.8 Variance Data Register (VAR_DATA), Page 2
This register contains the 32-bit Variance Sum. The contents of the data are valid only when VAR_RDY is
asserted in the VAR_CTRL register. Upon detection of VAR_RDY asserted, software should set the
VAR_FREEZE bit in the VAR_CTRL register to prevent loading of a new value into the VAR_DATA
register. Since the Variance Data value is 32-bits, two reads of this register are required to get the full
value.
Table 10-35. Variance Data Register (VAR_DATA), address 0x1B
Bit
Bit Name
Default
Description
15:0
VAR_DATA
0000 0000 0000
Variance Data:
0000, RO
Two reads are required to return the full 32-bit Variance Sum value. Following
setting the VAR_FREEZE control, the first read of this register will return the low 16
bits of the Variance data. A second read will return the high 16 bits of Variance data.
Copyright © 2011–2013, Texas Instruments Incorporated
Register Block
95
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com