Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  Deterministic, Low Transmit and Receive Latency, Selectable Frequency Synchronized Clock Output, Dynamic Link Quality Monitoring
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 96 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 92Page - Texas Instruments DP83620 Datasheet HTML 93Page - Texas Instruments DP83620 Datasheet HTML 94Page - Texas Instruments DP83620 Datasheet HTML 95Page - Texas Instruments DP83620 Datasheet HTML 96Page - Texas Instruments DP83620 Datasheet HTML 97Page - Texas Instruments DP83620 Datasheet HTML 98Page - Texas Instruments DP83620 Datasheet HTML 99Page - Texas Instruments DP83620 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 105 page
background image
DP83620
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
10.4.9 Link Quality Monitor Register (LQMR), Page 2
This register contains the controls for the Link Quality Monitor function. The Link Quality Monitor provides
a mechanism for programming a set of thresholds for DSP parameters. If the thresholds are violated, an
interrupt will be asserted if enabled in the MISR. Monitor control and status are available in this register,
while the LQDR register controls read/write access to threshold values and current parameter values.
Reading the LQMR register clears warning bits and re-arms the interrupt generation. In addition, this
register provides a mechanism for allowing automatic reset of the 100 Mb link based on the Link Quality
Monitor status.
Table 10-36. Link Quality Monitor Register (LQMR), address 0x1D
Bit
Bit Name
Default
Description
15
LQM_ENABLE
0, RW
Link Quality Monitor Enable:
Enables the Link Quality Monitor. The enable is qualified by having a valid 100 Mb
link. In addition, the individual thresholds can be disabled by setting to the
maximum or minimum values.
14
RESTART_ON_FC
0, RW
Restart on Frequency Control Warning:
Allow automatic reset of DSP and restart of 100 Mb Adaption on detecting a
Frequency Threshold violation. If the SD_Option bit, PCSR[8], is set to 0, the
threshold violation will also result in a drop in Link status.
13
RESTART_ON
0, RW
Restart on Frequency Offset Warning:
_FREQ
Allow automatic reset of DSP and restart of 100 Mb Adaption on detecting a
Frequency Offset Threshold violation. If the SD_Option bit, PCSR[8], is set to 0, the
threshold violation will also result in a drop in Link status.
12
RESTART_ON
0, RW
Restart on DBLW Warning:
_DBLW
Allow automatic reset of DSP and restart of 100 Mb Adaption on detecting a DBLW
Threshold violation. If the SD_Option bit, PCSR[8], is set to 0, the threshold
violation will also result in a drop in Link status.
11
RESTART_ON
0, RW
Restart on DAGC Warning:
_DAGC
Allow automatic reset of DSP and restart of 100 Mb Adaption on detecting a DAGC
Threshold violation. If the SD_Option bit, PCSR[8], is set to 0, the threshold
violation will also result in a drop in Link status.
10
RESTART_ON_C1
0, RW
Restart on C1 Warning:
Allow automatic reset of DSP and restart of 100 Mb Adaption on detecting a C1
Threshold violation. If the SD_Option bit, PCSR[8], is set to 0, the threshold
violation will also result in a drop in Link status.
9
FC_HI_WARN
0, RO/COR
Frequency Control High Warning:
This bit indicates the Frequency Control High Threshold was exceeded. This
register bit will be cleared on read.
8
FC_LO_WARN
0, RO/COR
Frequency Control Low Warning:
This bit indicates the Frequency Control Low Threshold was exceeded. This
register bit will be cleared on read.
7
FREQ_HI_WARN
0, RO/COR
Frequency Offset High Warning:
This bit indicates the Frequency Offset High Threshold was exceeded. This register
bit will be cleared on read.
6
FREQ_LO_WARN
0, RO/COR
Frequency Offset Low Warning:
This bit indicates the Frequency Offset Low Threshold was exceeded. This register
bit will be cleared on read.
5
DBLW_HI_WARN
0, RO/COR
DBLW High Warning:
This bit indicates the DBLW High Threshold was exceeded. This register bit will be
cleared on read.
4
DBLW_LO_WARN
0, RO/COR
DBLW Low Warning:
This bit indicates the DBLW Low Threshold was exceeded. This register bit will be
cleared on read.
3
DAGC_HI_WARN
0, RO/COR
DAGC High Warning:
This bit indicates the DAGC High Threshold was exceeded. This register bit will be
cleared on read.
96
Register Block
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com