Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  Deterministic, Low Transmit and Receive Latency, Selectable Frequency Synchronized Clock Output, Dynamic Link Quality Monitoring
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 24 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 20Page - Texas Instruments DP83620 Datasheet HTML 21Page - Texas Instruments DP83620 Datasheet HTML 22Page - Texas Instruments DP83620 Datasheet HTML 23Page - Texas Instruments DP83620 Datasheet HTML 24Page - Texas Instruments DP83620 Datasheet HTML 25Page - Texas Instruments DP83620 Datasheet HTML 26Page - Texas Instruments DP83620 Datasheet HTML 27Page - Texas Instruments DP83620 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 105 page
background image
TX_CLK
TX_EN
TXD[3:0]
CRS/CRS_DV
RX_CLK
RX_DV
RXD[3:0]
T2.22.1
PMD Input
Pair
SD+ internal
T2.21.1
T2.21.2
DP83620
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
4.25 AC Specifications — 100BASE-TX Signal Detect Timing
Parameter
Description
Notes
Min
Typ
Max
Units
T2.21.1
SD Internal Turn-on Time
1
ms
T2.21.2
Default operation(1)
250
300
µs
SD Internal Turn-off Time
Fast link-loss indication
1.3
µs
enabled(2)
(1)
The signal amplitude on PMD Input Pair must be TP-PMD compliant.
(2)
Fast Link-loss detect is enabled by setting the SD_CNFG[8] register bit to a 1.
4.26 AC Specifications — 100 Mb/s Internal Loopback Timing
Parameter
Description
Notes
Min
Typ
Max
Units
T2.22.1
TX_EN to RX_DV Loopback(1)(2)
100 Mb/s internal loopback mode
240
ns
(1)
Due to the nature of the descrambler function, all 100BASE-TX Loopback modes will cause an initial “dead-time” of up to 550 µs during
which time no data will be present at the receive MII outputs. The 100BASE-TX timing specified is based on device delays after the
initial 550µs “dead-time”.
(2)
Measurement is made from the first rising edge of TX_CLK after assertion of TX_EN.
24
Electrical Specifications
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com