Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  Deterministic, Low Transmit and Receive Latency, Selectable Frequency Synchronized Clock Output, Dynamic Link Quality Monitoring
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 10Page - Texas Instruments DP83620 Datasheet HTML 11Page - Texas Instruments DP83620 Datasheet HTML 12Page - Texas Instruments DP83620 Datasheet HTML 13Page - Texas Instruments DP83620 Datasheet HTML 14Page - Texas Instruments DP83620 Datasheet HTML 15Page - Texas Instruments DP83620 Datasheet HTML 16Page - Texas Instruments DP83620 Datasheet HTML 17Page - Texas Instruments DP83620 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 105 page
background image
DP83620
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
4.4
DC Specifications
Symbol
Pin Types
Parameter
Conditions
Min
Typ
Max
Units
VIH
I
Input High Voltage
2.0
V
I/O
VIL
VI/O = 3.3 V
0.8
V
I
Input Low Voltage
I/O
VI/O = 2.5 V
0.7
V
IIH
I
Input High Current
VIN = VI/O
10
µA
I/O
IIL
I
Input Low Current
VIN = GND
10
µA
I/O
VOL
O
Output Low Voltage
IOL = 4 mA
0.4
V
I/O
VOH
O
Output High Voltage
IOH = -4 mA
VI/O - 0.5
V
I/O
IOZ
O
VOUT = VI/O
TRI-STATE Output Leakage Current
-10
10
µA
I/O
or GND
VTPTD_100
PMD Output Pair
100M Transmit Voltage
0.95
1
1.05
V
VTPTDsym
PMD Output Pair
100M Transmit Voltage Symmetry
±2
%
VTPTD_10
PMD Output Pair
10M Transmit Voltage
2.2
2.5
2.8
V
VFXTD_100
PMD Output Pair
FX 100M Transmit Voltage
0.3
0.5
0.93
V
CIN1
I
CMOS Input Capacitance
8
pF
COUT1
O
CMOS Output Capacitance
8
pF
SDTHon
100BASE-TX Signal detect turn-on
mV diff
PMD Input Pair
1000
threshold
pk-pk
SDTHoff
mV diff
PMD Input Pair
Signal detect turn-off threshold
200
pk-pk
VTH
PMD Input Pair
10BASE-T Receive Threshold
300
585
mV
Idd100
VCC = 3.3 V,
VI/O = 3.3 V,
88
mA
IOUT = 0 mA
(1)
Supply
100BASE-TX (Full Duplex)
VCC = 3.3 V,
VI/O = 2.5 V,
84
mA
IOUT = 0 mA
(1)
Idd10
VCC = 3.3 V,
VI/O = 3.3 V,
105
mA
IOUT = 0 mA
(1)
Supply
10BASE-T (Full Duplex)
VCC = 3.3 V,
VI/O = 2.5 V,
103
mA
IOUT = 0 mA
(1)
Idd
Supply
Power Down Mode
CLK_OUT
10
mA
disabled
(1)
For Idd measurements, outputs are not loaded.
14
Electrical Specifications
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com