Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  Deterministic, Low Transmit and Receive Latency, Selectable Frequency Synchronized Clock Output, Dynamic Link Quality Monitoring
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 1 Page - Texas Instruments

  DP83620 Datasheet HTML 1Page - Texas Instruments DP83620 Datasheet HTML 2Page - Texas Instruments DP83620 Datasheet HTML 3Page - Texas Instruments DP83620 Datasheet HTML 4Page - Texas Instruments DP83620 Datasheet HTML 5Page - Texas Instruments DP83620 Datasheet HTML 6Page - Texas Instruments DP83620 Datasheet HTML 7Page - Texas Instruments DP83620 Datasheet HTML 8Page - Texas Instruments DP83620 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 105 page
background image
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
Transceiver with Fiber Support (FX)
Check for Samples: DP83620
1
Introduction
1.1
Features
12
• Deterministic, Low Transmit and Receive
• RMII Rev. 1.2 and MII MAC Interface
Latency
• RMII Master Mode
• Selectable Frequency Synchronized Clock
• Synchronous Ethernet
Output
• 25 MHz MDC and MDIO Serial Management
• Dynamic Link Quality Monitoring
Interface
• TDR Based Cable Diagnostic and Cable Length
• IEEE 802.3u 100BASE-FX Fiber Interface
Detection
• IEEE 1149.1 JTAG
• 10/100 Mb/s Packet BIST (Built in Self Test)
• Programmable LED Support for Link, 10 /100
• Error-Free Operation up to 150 Meters CAT5
Mb/s Mode, Duplex, Activity, and Collision
Cable
Detect
• ESD Protection - 8 kV Human Body Model
• Optional 100BASE-TX Fast Link Loss Detection
• 2.5 V and 3.3 V I/Os and MAC Interface
• Industrial Temperature Range
• Auto-MDIX for 10/100 Mbps
• 48 Pin WQFN Package (7mm) x (7mm)
• Auto-Crossover in Forced Modes of Operation
1.2
Applications
•
Factory Automation
•
General Embedded Applications
1.3
Description
The DP83620 is a highly reliable, feature rich device suited for industrial applications. The DP83620 offers
low power consumption, including several intelligent power down states. In addition to low power, the
DP83620 is optimized for cable length performance far exceeding IEEE specifications. The DP83620
includes a 25MHz clock out. This allows the application to be designed with a minimum of external parts,
which in turn results in the lowest possible total cost of the solution.
The DP83620 offers innovative diagnostic features unique to Texas Instruments, including dynamic
monitoring of link quality during standard operation for fault prediction. These advanced features allow the
system designer to implement a fault prediction mechanism to detect and warn of deteriorating and
changing link conditions. This single port fast Ethernet transceiver can support both copper and fiber
media. The DP838620 also provides flexibility by supporting both MII and RMII interfaces.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2011–2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - DP83620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83620 TI1-DP83620 Datasheet
1Mb / 102P
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver with Fiber Support (FX)
DP83620 TI-DP83620 Datasheet
1Mb / 105P
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
DP83620 TI-DP83620 Datasheet
1Mb / 105P
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
DP83620 TI2-DP83620 Datasheet
976Kb / 108P
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver with Fiber Support (FX)
REVISED APRIL 2013
DP83620SQ TI-DP83620SQ Datasheet
1Mb / 105P
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
More results

Similar Description - DP83620

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
TRANSMIT/RECEIVE SWITCH
logo
Intel Corporation
2912A INTEL-2912A Datasheet
680Kb / 12P
PCM TRANSMIT/RECEIVE FILTER
logo
RF Micro Devices
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
TRANSMIT/RECEIVE SWITCH
logo
Texas Instruments
LM96530 TI1-LM96530_14 Datasheet
901Kb / 18P
Ultrasound Transmit/Receive Switch
logo
RF Micro Devices
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
915MHz Transmit/Receive Module
logo
Texas Instruments
LM96530 TI1-LM96530_15 Datasheet
900Kb / 18P
Ultrasound Transmit/Receive Switch
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_14 Datasheet
1Mb / 56P
Clock output with selectable frequency
03/13/14
logo
Molex Electronics Ltd.
1461794011 MOLEX-1461794011 Datasheet
54Kb / 1P
PowerLife Wireless Charging Coil, Transmit and Receive, Low Frequency, Wearable, 2.5W
logo
Texas Instruments
DP83826E TI1-DP83826E_V01 Datasheet
2Mb / 115P
DP83826 Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com