Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  Deterministic, Low Transmit and Receive Latency, Selectable Frequency Synchronized Clock Output, Dynamic Link Quality Monitoring
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 86 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 82Page - Texas Instruments DP83620 Datasheet HTML 83Page - Texas Instruments DP83620 Datasheet HTML 84Page - Texas Instruments DP83620 Datasheet HTML 85Page - Texas Instruments DP83620 Datasheet HTML 86Page - Texas Instruments DP83620 Datasheet HTML 87Page - Texas Instruments DP83620 Datasheet HTML 88Page - Texas Instruments DP83620 Datasheet HTML 89Page - Texas Instruments DP83620 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 105 page
background image
DP83620
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
Table 10-21. PHY Control Register (PHYCR), address 0x19 (continued)
Bit
Bit Name
Default
Description
6
LED_CNFG[1]
0, RW
LED Configuration
5
LED_CNFG[0]
Strap, RW
LED_CNFG[1]
LED_CNFG[0]
Mode Description
Don't care
1
Mode 1
0
0
Mode 2
1
0
Mode 3
In Mode 1, LEDs are configured as follows:
LED_LINK = ON for Good Link, OFF for No Link
LED_SPEED = ON in 100 Mb/s, OFF in 10 Mb/s
LED_ACT = ON for Activity, OFF for No Activity
In Mode 2, LEDs are configured as follows:
LED_LINK = ON for Good Link, BLINK for Activity
LED_SPEED = ON in 100 Mb/s, OFF in 10 Mb/s
LED_ACT = ON for Collision, OFF for No Collision
In Mode 3, LEDs are configured as follows:
LED_LINK = ON for Good Link, BLINK for Activity
LED_SPEED = ON in 100 Mb/s, OFF in 10 Mb/s
LED_ACT = ON for Full Duplex, OFF for Half Duplex
4:0
PHYADDR[4:0]
Strap, RW
PHY Address: PHY address for port.
Note: The local PHY address cannot be changed via a broadcast write - writing to
PHY address 0x1F register 0x19 will not change the PHYADDR bits.
10.2.7 10Base-T Status/Control Register (10BTSCR)
This register is used for control and status for 10BASE-T device operation.
Table 10-22. 10Base-T Status/Control Register (10BTSCR), address 0x1A
Bit
Bit Name
Default
Description
15
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
14:12
RESERVED
000, RW
RESERVED: Must be zero.
11:9
SQUELCH
100, RW
Squelch Configuration:
Used to set the Squelch 'ON' threshold for the receiver.
Default Squelch 'ON' is 330mV peak.
8
LOOPBACK_10_DIS
0, RW
10Base-T Loopback Disable:
This bit is OR’ed with bit 14 (Loopback) in the BMCR.
1 = 10BT Loopback is disabled
0 = 10BT Loopback is enabled
7
LP_DIS
0, RW
Normal Link Pulse Disable:
This bit is OR’ed with the MAC_FORCE_LINK_10 signal.
1 = Transmission of NLPs is disabled.
0 = Transmission of NLPs is enabled.
6
FORCE_LINK_10
0, RW
Force 10 Mb Good Link:
This bit is OR’ed with the MAC_FORCE_LINK_10 signal.
1 = Forced Good 10 Mb Link.
0 = Normal Link Status.
5
FORCE_POL COR
0, RW
Force 10 Mb Polarity Correction:
1 = Force inverted polarity
0 = Normal polarity
4
POLARITY
0, RO/LH
10 Mb Polarity Status:
This bit is a duplication of bit 12 in the PHYSTS register. Both bits will be cleared
upon a read of either register.
1 = Inverted Polarity detected.
0 = Correct Polarity detected.
3
AUTOPOL_DIS
0, RW
Auto Polarity Detection & Correction Disable:
1 = Polarity Correction disabled
0 = Polarity Correction enabled
86
Register Block
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com