Electronic Components Datasheet Search
  English  ▼

X  

H1102 Datasheet(PDF) 46 Page - Micrel Semiconductor

Part # H1102
Description  10Base-T/100Base-TX Physical Layer Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

H1102 Datasheet(HTML) 46 Page - Micrel Semiconductor

Back Button H1102 Datasheet HTML 42Page - Micrel Semiconductor H1102 Datasheet HTML 43Page - Micrel Semiconductor H1102 Datasheet HTML 44Page - Micrel Semiconductor H1102 Datasheet HTML 45Page - Micrel Semiconductor H1102 Datasheet HTML 46Page - Micrel Semiconductor H1102 Datasheet HTML 47Page - Micrel Semiconductor H1102 Datasheet HTML 48Page - Micrel Semiconductor H1102 Datasheet HTML 49Page - Micrel Semiconductor H1102 Datasheet HTML 50Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
Micrel, Inc.
KSZ8041NL/RNL
September 2010
46
M9999-090910-1.4
MII Receive Timing (100Base-TX)
Figure 13. MII Receive Timing (100Base-TX)
Timing Parameter
Description
Min
Typ
Max
Unit
tP
RXC period
40
ns
tWL
RXC pulse width low
20
ns
tWH
RXC pulse width high
20
ns
tOD
(RXD[3:0], RXER, RXDV) output
delay from rising edge of RXC
19
25
ns
CRS to RXDV latency
140
ns
CRS to RXD[3:0] latency
52
ns
tRLAT
CRS to RXER latency
60
ns
Table 11. MII Receive Timing (100Base-TX) Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com