Electronic Components Datasheet Search
  English  ▼

X  

H1102 Datasheet(PDF) 41 Page - Micrel Semiconductor

Part # H1102
Description  10Base-T/100Base-TX Physical Layer Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

H1102 Datasheet(HTML) 41 Page - Micrel Semiconductor

Back Button H1102 Datasheet HTML 37Page - Micrel Semiconductor H1102 Datasheet HTML 38Page - Micrel Semiconductor H1102 Datasheet HTML 39Page - Micrel Semiconductor H1102 Datasheet HTML 40Page - Micrel Semiconductor H1102 Datasheet HTML 41Page - Micrel Semiconductor H1102 Datasheet HTML 42Page - Micrel Semiconductor H1102 Datasheet HTML 43Page - Micrel Semiconductor H1102 Datasheet HTML 44Page - Micrel Semiconductor H1102 Datasheet HTML 45Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
Micrel, Inc.
KSZ8041NL/RNL
September 2010
41
M9999-090910-1.4
Electrical Characteristics
(4) (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Units
10Base-T Transmit (measured differentially after 1:1 transformer)
VP
Peak Differential Output Voltage
100
Ω termination across differential output
2.2
2.8
V
Jitter Added
Peak-to-peak
3.5
ns
tr, tf
Rise/Fall Time
25
ns
10Base-T Receive
VSQ
Squelch Threshold
5MHz square wave
400
mV
Notes:
1. Exceeding the absolute maximum rating may damage the device. Stresses greater than the absolute maximum rating may cause permanent
damage to the device. Operation of the device at these or any other conditions above those specified in the operating sections of this specification
is not implied. Maximum conditions for extended periods may affect reliability.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4. TA = 25°C. Specification for packaged product only.
5. Current consumption is for the single 3.3V supply KSZ8041NL/RNL device only, and includes the 1.8V supply voltage (VDDPLL_1.8) that is provided by
the KSZ8041NL/RNL. The PHY port’s transformer consumes an additional 45mA @ 3.3V for 100Base-TX and 70mA @ 3.3V for 10Base-T.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com