Electronic Components Datasheet Search
  English  ▼

X  

H1102 Datasheet(PDF) 27 Page - Micrel Semiconductor

Part # H1102
Description  10Base-T/100Base-TX Physical Layer Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

H1102 Datasheet(HTML) 27 Page - Micrel Semiconductor

Back Button H1102 Datasheet HTML 23Page - Micrel Semiconductor H1102 Datasheet HTML 24Page - Micrel Semiconductor H1102 Datasheet HTML 25Page - Micrel Semiconductor H1102 Datasheet HTML 26Page - Micrel Semiconductor H1102 Datasheet HTML 27Page - Micrel Semiconductor H1102 Datasheet HTML 28Page - Micrel Semiconductor H1102 Datasheet HTML 29Page - Micrel Semiconductor H1102 Datasheet HTML 30Page - Micrel Semiconductor H1102 Datasheet HTML 31Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
Micrel, Inc.
KSZ8041NL/RNL
September 2010
27
M9999-090910-1.4
Carrier Sense/Receive Data Valid (CRS_DV)
CRS_DV is asserted by the PHY when the receive medium is non-idle. It is asserted asynchronously on detection of
carrier. This is when squelch is passed in 10Mbps mode, and when 2 non-contiguous zeroes in 10 bits are detected in
100Mbps mode. Loss of carrier results in the de-assertion of CRS_DV.
So long as carrier detection criteria are met, CRS_DV remains asserted continuously from the first recovered di-bit of the
frame through the final recovered di-bit, and it is negated prior to the first REF_CLK that follows the final di-bit. The data
on RXD[1:0] is considered valid once CRS_DV is asserted. However, since the assertion of CRS_DV is asynchronous
relative to REF_CLK, the data on RXD[1:0] is "00" until proper receive signal decoding takes place.
Receive Data [1:0] (RXD[1:0])
RXD[1:0] transitions synchronously to REF_CLK. For each clock period in which CRS_DV is asserted, RXD[1:0] transfers
two bits of recovered data from the PHY. RXD[1:0] is "00" to indicate idle when CRS_DV is de-asserted. Values other
than “00” on RXD[1:0] while CRS_DV is de-asserted are ignored by the MAC.
Receive Error (RX_ER)
RX_ER is asserted for one or more REF_CLK periods to indicate that a Symbol Error (e.g. a coding error that a PHY is
capable of detecting, and that may otherwise be undetectable by the MAC sub-layer) was detected somewhere in the
frame presently being transferred from the PHY.
RX_ER transitions synchronously with respect to REF_CLK. While CRS_DV is de-asserted, RX_ER has no effect on the
MAC.
Collision Detection
The MAC regenerates the COL signal of the MII from TX_EN and CRS_DV.
RMII Signal Diagram
The KSZ8041NL RMII pin connections to the MAC are shown in Figure 2.
Figure 2. KSZ8041NL RMII Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com