Electronic Components Datasheet Search
  English  ▼

X  

H1102 Datasheet(PDF) 35 Page - Micrel Semiconductor

Part # H1102
Description  10Base-T/100Base-TX Physical Layer Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

H1102 Datasheet(HTML) 35 Page - Micrel Semiconductor

Back Button H1102 Datasheet HTML 31Page - Micrel Semiconductor H1102 Datasheet HTML 32Page - Micrel Semiconductor H1102 Datasheet HTML 33Page - Micrel Semiconductor H1102 Datasheet HTML 34Page - Micrel Semiconductor H1102 Datasheet HTML 35Page - Micrel Semiconductor H1102 Datasheet HTML 36Page - Micrel Semiconductor H1102 Datasheet HTML 37Page - Micrel Semiconductor H1102 Datasheet HTML 38Page - Micrel Semiconductor H1102 Datasheet HTML 39Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
Micrel, Inc.
KSZ8041NL/RNL
September 2010
35
M9999-090910-1.4
Register Description (Continued)
Address
Name
Description
Mode
(1)
Default
Register 5h – Auto-Negotiation Link Partner Ability
5.15
Next Page
1 = Next page capable
0 = No next page capability
RO
0
5.14
Acknowledge
1 = Link code word received from partner
0 = Link code word not yet received
RO
0
5.13
Remote Fault
1 = Remote fault detected
0 = No remote fault
RO
0
5.12
Reserved
RO
0
5.11:10
Pause
[00] = No PAUSE
[10] = Asymmetric PAUSE
[01] = Symmetric PAUSE
[11] = Asymmetric & Symmetric PAUSE
RO
00
5.9
100Base-T4
1 = T4 capable
0 = No T4 capability
RO
0
5.8
100Base-TX
Full-Duplex
1 = 100Mbps full-duplex capable
0 = No 100Mbps full-duplex capability
RO
0
5.7
100Base-TX
Half-Duplex
1 = 100Mbps half-duplex capable
0 = No 100Mbps half-duplex capability
RO
0
5.6
10Base-T
Full-Duplex
1 = 10Mbps full-duplex capable
0 = No 10Mbps full-duplex capability
RO
0
5.5
10Base-T
Half-Duplex
1 = 10Mbps half-duplex capable
0 = No 10Mbps half-duplex capability
RO
0
5.4:0
Selector Field
[00001] = IEEE 802.3
RO
0_0001
Register 6h – Auto-Negotiation Expansion
6.15:5
Reserved
RO
0000_0000_000
6.4
Parallel
Detection Fault
1 = Fault detected by parallel detection
0 = No fault detected by parallel detection.
RO/LH
0
6.3
Link Partner
Next Page
Able
1 = Link partner has next page capability
0 = Link partner does not have next page
capability
RO
0
6.2
Next Page
Able
1 = Local device has next page capability
0 = Local device does not have next page
capability
RO
1
6.1
Page Received
1 = New page received
0 = New page not received yet
RO/LH
0
6.0
Link Partner
Auto-
Negotiation
Able
1 = Link partner has auto-negotiation capability
0 = Link partner does not have auto-negotiation
capability
RO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com