Electronic Components Datasheet Search
  English  ▼

X  

H1102 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # H1102
Description  10Base-T/100Base-TX Physical Layer Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

H1102 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button H1102 Datasheet HTML 6Page - Micrel Semiconductor H1102 Datasheet HTML 7Page - Micrel Semiconductor H1102 Datasheet HTML 8Page - Micrel Semiconductor H1102 Datasheet HTML 9Page - Micrel Semiconductor H1102 Datasheet HTML 10Page - Micrel Semiconductor H1102 Datasheet HTML 11Page - Micrel Semiconductor H1102 Datasheet HTML 12Page - Micrel Semiconductor H1102 Datasheet HTML 13Page - Micrel Semiconductor H1102 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
Micrel, Inc.
KSZ8041NL/RNL
September 2010
10
M9999-090910-1.4
Pin Description – KSZ8041NL
Pin Number
Pin Name
Type
(1)
Pin Function
1
GND
Gnd
Ground
2
VDDPLL_1.8
P
1.8V analog VDD
3
VDDA_3.3
P
3.3V analog VDD
4
RX-
I/O
Physical receive or transmit signal (- differential)
5
RX+
I/O
Physical receive or transmit signal (+ differential)
6
TX-
I/O
Physical transmit or receive signal (- differential)
7
TX+
I/O
Physical transmit or receive signal (+ differential)
8
XO
O
Crystal feedback
This pin is used only in MII mode when a 25 MHz crystal is used.
This pin is a no connect if oscillator or external clock source is used, or if RMII mode
is selected.
9
XI /
REFCLK
I
Crystal / Oscillator / External Clock Input
MII Mode:
25MHz +/-50ppm (crystal, oscillator, or external clock)
RMII Mode:
50MHz +/-50ppm (oscillator, or external clock only)
10
REXT
I/O
Set physical transmit output current
Connect a 6.49K
Ω resistor in parallel with a 100pF capacitor to ground on this pin.
See KSZ8041NL reference schematics.
11
MDIO
I/O
Management Interface (MII) Data I/O
This pin requires an external 4.7K
Ω pull-up resistor.
12
MDC
I
Management Interface (MII) Clock Input
This pin is synchronous to the MDIO data interface.
13
RXD3 /
PHYAD0
Ipu/O
MII Mode:
Receive Data Output[3]
(2)
/
Config Mode:
The pull-up/pull-down value is latched as PHYADDR[0] during
power-up / reset. See “Strapping Options” section for details.
14
RXD2 /
PHYAD1
Ipd/O
MII Mode:
Receive Data Output[2]
(2)
/
Config Mode:
The pull-up/pull-down value is latched as PHYADDR[1] during
power-up / reset. See “Strapping Options” section for details.
15
RXD1 /
RXD[1] /
PHYAD2
Ipd/O
MII Mode:
Receive Data Output[1]
(2)
/
RMII Mode:
Receive Data Output[1]
(3)
/
Config Mode:
The pull-up/pull-down value is latched as PHYADDR[2] during
power-up / reset. See “Strapping Options” section for details.
16
RXD0 /
RXD[0] /
DUPLEX
Ipu/O
MII Mode:
Receive Data Output[0]
(2)
/
RMII Mode:
Receive Data Output[0]
(3)
/
Config Mode:
Latched as DUPLEX (register 0h, bit 8) during power-up /
reset. See “Strapping Options” section for details.
17
VDDIO_3.3
P
3.3V digital VDD
18
RXDV /
CRSDV /
CONFIG2
Ipd/O
MII Mode:
Receive Data Valid Output /
RMII Mode:
Carrier Sense/Receive Data Valid Output /
Config Mode:
The pull-up/pull-down value is latched as CONFIG2 during
power-up / reset. See “Strapping Options” section for details.
19
RXC
O
MII Mode:
Receive Clock Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com