Electronic Components Datasheet Search
  English  ▼

X  

H1102 Datasheet(PDF) 19 Page - Micrel Semiconductor

Part # H1102
Description  10Base-T/100Base-TX Physical Layer Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

H1102 Datasheet(HTML) 19 Page - Micrel Semiconductor

Back Button H1102 Datasheet HTML 15Page - Micrel Semiconductor H1102 Datasheet HTML 16Page - Micrel Semiconductor H1102 Datasheet HTML 17Page - Micrel Semiconductor H1102 Datasheet HTML 18Page - Micrel Semiconductor H1102 Datasheet HTML 19Page - Micrel Semiconductor H1102 Datasheet HTML 20Page - Micrel Semiconductor H1102 Datasheet HTML 21Page - Micrel Semiconductor H1102 Datasheet HTML 22Page - Micrel Semiconductor H1102 Datasheet HTML 23Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
Micrel, Inc.
KSZ8041NL/RNL
September 2010
19
M9999-090910-1.4
Strapping Options – KSZ8041RNL
Pin Number
Pin Name
Type
(1)
Pin Function
15
14
13
PHYAD2
PHYAD1
PHYAD0
Ipd/O
Ipd/O
Ipu/O
The PHY Address is latched at power-up / reset and is configurable to any value from
1 to 7.
The default PHY Address is 00001.
PHY Address bits [4:3] are always set to ‘00’.
18
29
28
CONFIG2
CONFIG1
CONFIG0
Ipd/O
Ipd/O
Ipd/O
The CONFIG[2:0] strap-in pins are latched at power-up / reset and are defined as
follows:
CONFIG[2:0]
Mode
000
Reserved – not used
001
RMII
010
Reserved – not used
011
Reserved – not used
100
Reserved – not used
101
Reserved – not used
110
Reserved – not used
111
Reserved – not used
20
ISO
Ipd/O
ISOLATE mode
Pull-up = Enable
Pull-down (default) = Disable
During power-up / reset, this pin value is latched into register 0h bit 10.
31
SPEED
Ipu/O
SPEED mode
Pull-up (default) = 100Mbps
Pull-down = 10Mbps
During power-up / reset, this pin value is latched into register 0h bit 13 as the Speed
Select, and also is latched into register 4h (Auto-Negotiation Advertisement) as the
Speed capability support.
16
DUPLEX
Ipu/O
DUPLEX mode
Pull-up (default) = Half Duplex
Pull-down = Full Duplex
During power-up / reset, this pin value is latched into register 0h bit 8 as the Duplex
Mode.
30
NWAYEN
Ipu/O
Nway Auto-Negotiation Enable
Pull-up (default) = Enable Auto-Negotiation
Pull-down = Disable Auto-Negotiation
During power-up / reset, this pin value is latched into register 0h bit 12.
Note:
1.
Ipu/O = Input with internal pull-up (40K +/-30%) during power-up/reset; output pin otherwise.
Ipd/O = Input with internal pull-down (40K +/-30%) during power-up/reset; output pin otherwise.
Pin strap-ins are latched during power-up or reset. In some systems, the MAC receive input pins may drive high during
power-up or reset, and consequently cause the PHY strap-in pins on the RMII signals to be latched high. In this case, it is
recommended to add 1K pull-downs on these PHY strap-in pins to ensure the PHY does not strap-in to ISOLATE mode,
or is not configured with an incorrect PHY Address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com