Electronic Components Datasheet Search
  English  ▼

X  

H1102 Datasheet(PDF) 24 Page - Micrel Semiconductor

Part # H1102
Description  10Base-T/100Base-TX Physical Layer Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

H1102 Datasheet(HTML) 24 Page - Micrel Semiconductor

Back Button H1102 Datasheet HTML 20Page - Micrel Semiconductor H1102 Datasheet HTML 21Page - Micrel Semiconductor H1102 Datasheet HTML 22Page - Micrel Semiconductor H1102 Datasheet HTML 23Page - Micrel Semiconductor H1102 Datasheet HTML 24Page - Micrel Semiconductor H1102 Datasheet HTML 25Page - Micrel Semiconductor H1102 Datasheet HTML 26Page - Micrel Semiconductor H1102 Datasheet HTML 27Page - Micrel Semiconductor H1102 Datasheet HTML 28Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
Micrel, Inc.
KSZ8041NL/RNL
September 2010
24
M9999-090910-1.4
MII Signal Definition (KSZ8041NL only)
The Table 2 describes the MII signals. Refer to Clause 22 of the IEEE 802.3 Specification for detailed information.
MII
Signal Name
Direction
(with respect to PHY,
KSZ8041NL signal)
Direction
(with respect to MAC)
Description
TXC
Output
Input
Transmit Clock
(2.5MHz for 10Mbps; 25MHz for 100Mbps)
TXEN
Input
Output
Transmit Enable
TXD[3:0]
Input
Output
Transmit Data [3:0]
RXC
Output
Input
Receive Clock
(2.5MHz for 10Mbps; 25MHz for 100Mbps)
RXDV
Output
Input
Receive Data Valid
RXD[3:0]
Output
Input
Receive Data [3:0]
RXER
Output
Input, or (not required)
Receive Error
CRS
Output
Input
Carrier Sense
COL
Output
Input
Collision Detection
Table 2. MII Signal Definition
Transmit Clock (TXC)
TXC is sourced by the PHY. It is a continuous clock that provides the timing reference for TXEN and TXD[3:0].
TXC is 2.5MHz for 10Mbps operation and 25MHz for 100Mbps operation.
Transmit Enable (TXEN)
TXEN indicates the MAC is presenting nibbles on TXD[3:0] for transmission. It is asserted synchronously with the first
nibble of the preamble and remains asserted while all nibbles to be transmitted are presented on the MII, and is negated
prior to the first TXC following the final nibble of a frame.
TXEN transitions synchronously with respect to TXC.
Transmit Data [3:0] (TXD[3:0])
TXD[3:0] transitions synchronously with respect to TXC. When TXEN is asserted, TXD[3:0] are accepted for transmission
by the PHY. TXD[3:0] is ”00” to indicate idle when TXEN is de-asserted. Values other than “00” on TXD[3:0] while TXEN
is de-asserted are ignored by the PHY.
Receive Clock (RXC)
RXC provides the timing reference for RXDV, RXD[3:0], and RXER.
•
In 10Mbps mode, RXC is recovered from the line while carrier is active. RXC is derived from the PHY’s reference
clock when the line is idle, or link is down.
•
In 100Mbps mode, RXC is continuously recovered from the line. If link is down, RXC is derived from the PHY’s
reference clock.
RXC is 2.5MHz for 10Mbps operation and 25MHz for 100Mbps operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com