Electronic Components Datasheet Search
  English  ▼

X  

H1102 Datasheet(PDF) 28 Page - Micrel Semiconductor

Part # H1102
Description  10Base-T/100Base-TX Physical Layer Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

H1102 Datasheet(HTML) 28 Page - Micrel Semiconductor

Back Button H1102 Datasheet HTML 24Page - Micrel Semiconductor H1102 Datasheet HTML 25Page - Micrel Semiconductor H1102 Datasheet HTML 26Page - Micrel Semiconductor H1102 Datasheet HTML 27Page - Micrel Semiconductor H1102 Datasheet HTML 28Page - Micrel Semiconductor H1102 Datasheet HTML 29Page - Micrel Semiconductor H1102 Datasheet HTML 30Page - Micrel Semiconductor H1102 Datasheet HTML 31Page - Micrel Semiconductor H1102 Datasheet HTML 32Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
Micrel, Inc.
KSZ8041NL/RNL
September 2010
28
M9999-090910-1.4
The KSZ8041RNL RMII pin connections to the MAC are shown in Figure 3.
Figure 3. KSZ8041RNL RMII Interface
HP Auto MDI/MDI-X
HP Auto MDI/MDI-X configuration eliminates the confusion of whether to use a straight cable or a crossover cable
between the KSZ8041NL/RNL and its link partner. This feature allows the KSZ8041NL/RNL to use either type of cable to
connect with a link partner that is in either MDI or MDI-X mode. The auto-sense function detects transmit and receive
pairs from the link partner, and then assigns transmit and receive pairs of the KSZ8041NL/RNL accordingly.
HP Auto MDI/MDI-X is enabled by default. It is disabled by writing a one to register 1F bit 13. MDI and MDI-X mode is
selected by register 1F bit 14 if HP Auto MDI/MDI-X is disabled.
An isolation transformer with symmetrical transmit and receive data paths is recommended to support auto MDI/MDI-X.
The IEEE 802.3 Standard defines MDI and MDI-X as follows:
MDI
MDI-X
RJ-45 Pin
Signal
RJ-45 Pin
Signal
1
TD+
1
RD+
2
TD-
2
RD-
3
RD+
3
TD+
6
RD-
6
TD-
Table 5. MDI/MDI-X Pin Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com