Electronic Components Datasheet Search
  English  ▼

X  

H1102 Datasheet(PDF) 20 Page - Micrel Semiconductor

Part # H1102
Description  10Base-T/100Base-TX Physical Layer Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

H1102 Datasheet(HTML) 20 Page - Micrel Semiconductor

Back Button H1102 Datasheet HTML 16Page - Micrel Semiconductor H1102 Datasheet HTML 17Page - Micrel Semiconductor H1102 Datasheet HTML 18Page - Micrel Semiconductor H1102 Datasheet HTML 19Page - Micrel Semiconductor H1102 Datasheet HTML 20Page - Micrel Semiconductor H1102 Datasheet HTML 21Page - Micrel Semiconductor H1102 Datasheet HTML 22Page - Micrel Semiconductor H1102 Datasheet HTML 23Page - Micrel Semiconductor H1102 Datasheet HTML 24Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
Micrel, Inc.
KSZ8041NL/RNL
September 2010
20
M9999-090910-1.4
Functional Description
The KSZ8041NL is a single 3.3V supply Fast Ethernet transceiver. It is fully compliant with the IEEE 802.3u Specification.
On the media side, the KSZ8041NL supports 10Base-T and 100Base-TX with HP auto MDI/MDI-X for reliable detection of
and correction for straight-through and crossover cables.
The KSZ8041NL offers a choice of MII or RMII data interface connection with the MAC processor. The MII management
bus option gives the MAC processor complete access to the KSZ8041NL control and status registers. Additionally, an
interrupt pin eliminates the need for the processor to poll for PHY status change.
Physical signal transmission and reception are enhanced through the use of patented analog circuitries that make the
design more efficient and allow for lower power consumption and smaller chip die size.
The KSZ8041RNL is an enhanced RMII version of the KSZ8041NL that does not require a 50MHz system clock. It uses a
25MHz crystal for its input reference clock and outputs a 50MHz RMII reference clock to the MAC.
100Base-TX Transmit
The 100Base-TX transmit function performs parallel-to-serial conversion, 4B/5B coding, scrambling, NRZ-to-NRZI
conversion, and MLT3 encoding and transmission.
The circuitry starts with a parallel-to-serial conversion, which converts the MII data from the MAC into a 125MHz serial bit
stream. The data and control stream is then converted into 4B/5B coding, followed by a scrambler. The serialized data is
further converted from NRZ-to-NRZI format, and then transmitted in MLT3 current output.
The output current is set by an external 6.49k
Ω 1% resistor for the 1:1 transformer ratio. It has typical rise/fall times of 4
ns and complies with the ANSI TP-PMD standard regarding amplitude balance, overshoot and timing jitter. The wave-
shaped 10Base-T output drivers are also incorporated into the 100Base-TX drivers.
100Base-TX Receive
The 100Base-TX receiver function performs adaptive equalization, DC restoration, MLT3-to-NRZI conversion, data and
clock recovery, NRZI-to-NRZ conversion, de-scrambling, 4B/5B decoding, and serial-to-parallel conversion.
The receiving side starts with the equalization filter to compensate for inter-symbol interference (ISI) over the twisted pair
cable. Since the amplitude loss and phase distortion is a function of the cable length, the equalizer must adjust its
characteristics to optimize performance. In this design, the variable equalizer makes an initial estimation based on
comparisons of incoming signal strength against some known cable characteristics, and then tunes itself for optimization.
This is an ongoing process and self-adjusts against environmental changes such as temperature variations.
Next, the equalized signal goes through a DC restoration and data conversion block. The DC restoration circuit is used to
compensate for the effect of baseline wander and to improve the dynamic range. The differential data conversion circuit
converts the MLT3 format back to NRZI. The slicing threshold is also adaptive.
The clock recovery circuit extracts the 125MHz clock from the edges of the NRZI signal. This recovered clock is then used
to convert the NRZI signal into the NRZ format. This signal is sent through the de-scrambler followed by the 4B/5B
decoder. Finally, the NRZ serial data is converted to the MII format and provided as the input data to the MAC.
PLL Clock Synthesizer
The KSZ8041NL/RNL generates 125M
Ηz, 25MΗz and 20MΗz clocks for system timing. Internal clocks are generated
from an external 25MHz crystal or oscillator. For the KSZ8041NL in RMII mode, these internal clocks are generated from
an external 50MHz oscillator or system clock.
Scrambler/De-scrambler (100Base-TX only)
The purpose of the scrambler is to spread the power spectrum of the signal in order to reduce EMI and baseline wander.
10Base-T Transmit
The 10Base-T drivers are incorporated with the 100Base-TX drivers to allow for transmission using the same magnetic.
The drivers also perform internal wave-shaping and pre-emphasize, and output 10Base-T signals with a typical amplitude
of 2.5V peak. The 10Base-T signals have harmonic contents that are at least 27dB below the fundamental frequency
when driven by an all-ones Manchester-encoded signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com