Electronic Components Datasheet Search
  English  ▼

X  

H1102 Datasheet(PDF) 29 Page - Micrel Semiconductor

Part # H1102
Description  10Base-T/100Base-TX Physical Layer Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

H1102 Datasheet(HTML) 29 Page - Micrel Semiconductor

Back Button H1102 Datasheet HTML 25Page - Micrel Semiconductor H1102 Datasheet HTML 26Page - Micrel Semiconductor H1102 Datasheet HTML 27Page - Micrel Semiconductor H1102 Datasheet HTML 28Page - Micrel Semiconductor H1102 Datasheet HTML 29Page - Micrel Semiconductor H1102 Datasheet HTML 30Page - Micrel Semiconductor H1102 Datasheet HTML 31Page - Micrel Semiconductor H1102 Datasheet HTML 32Page - Micrel Semiconductor H1102 Datasheet HTML 33Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
Micrel, Inc.
KSZ8041NL/RNL
September 2010
29
M9999-090910-1.4
Straight Cable
A straight cable connects a MDI device to a MDI-X device, or a MDI-X device to a MDI device. The Figure 4 depicts a
typical straight cable connection between a NIC card (MDI) and a switch, or hub (MDI-X).
Receive Pair
Transmit Pair
Receive Pair
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
Transmit Pair
Modular Connector
(RJ-45)
NIC
Straight
Cable
10/100 Ethernet
Media Dependent Interface
10/100 Ethernet
Media Dependent Interface
Modular Connector
(RJ-45)
HUB
(Repeater or Switch)
Figure 4. Typical Straight Cable Connection
Crossover Cable
A crossover cable connects a MDI device to another MDI device, or a MDI-X device to another MDI-X device. Figure 5
depicts a typical crossover cable connection between two switches or hubs (two MDI-X devices).
Receive Pair
Receive Pair
Transmit Pair
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
Transmit Pair
10/100 Ethernet
Media Dependent Interface
10/100 Ethernet
Media Dependent Interface
Modular Connector (RJ-45)
HUB
(Repeater or Switch)
Modular Connector (RJ-45)
HUB
(Repeater or Switch)
Crossover
Cable
Figure 5. Typical Crossover Cable Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com