Electronic Components Datasheet Search
  English  ▼

X  

H1102 Datasheet(PDF) 25 Page - Micrel Semiconductor

Part # H1102
Description  10Base-T/100Base-TX Physical Layer Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

H1102 Datasheet(HTML) 25 Page - Micrel Semiconductor

Back Button H1102 Datasheet HTML 21Page - Micrel Semiconductor H1102 Datasheet HTML 22Page - Micrel Semiconductor H1102 Datasheet HTML 23Page - Micrel Semiconductor H1102 Datasheet HTML 24Page - Micrel Semiconductor H1102 Datasheet HTML 25Page - Micrel Semiconductor H1102 Datasheet HTML 26Page - Micrel Semiconductor H1102 Datasheet HTML 27Page - Micrel Semiconductor H1102 Datasheet HTML 28Page - Micrel Semiconductor H1102 Datasheet HTML 29Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
Micrel, Inc.
KSZ8041NL/RNL
September 2010
25
M9999-090910-1.4
Receive Data Valid (RXDV)
RXDV is driven by the PHY to indicate that the PHY is presenting recovered and decoded nibbles on RXD[3:0].
•
In 10Mbps mode, RXDV is asserted with the first nibble of the SFD (Start of Frame Delimiter), “5D”, and remains
asserted until the end of the frame.
•
In 100Mbps mode, RXDV is asserted from the first nibble of the preamble to the last nibble of the frame.
RXDV transitions synchronously with respect to RXC.
Receive Data [3:0] (RXD[3:0])
RXD[3:0] transitions synchronously with respect to RXC. For each clock period in which RXDV is asserted, RXD[3:0]
transfers a nibble of recovered data from the PHY.
Receive Error (RXER)
RXER is asserted for one or more RXC periods to indicate that a Symbol Error (e.g. a coding error that a PHY is capable
of detecting, and that may otherwise be undetectable by the MAC sub-layer) was detected somewhere in the frame
presently being transferred from the PHY.
RXER transitions synchronously with respect to RXC. While RXDV is de-asserted, RXER has no effect on the MAC.
Carrier Sense (CRS)
CRS is asserted and de-asserted as follows:
•
In 10Mbps mode, CRS assertion is based on the reception of valid preambles. CRS de-assertion is based on the
reception of an end-of-frame (EOF) marker.
•
In 100Mbps mode, CRS is asserted when a start-of-stream delimiter, or /J/K symbol pair is detected. CRS is de-
asserted when an end-of-stream delimiter, or /T/R symbol pair is detected. Additionally, the PMA layer de-asserts
CRS if IDLE symbols are received without /T/R.
Collision (COL)
COL is asserted in half-duplex mode whenever the transmitter and receiver are simultaneously active on the line. This is
used to inform the MAC that a collision has occurred during its transmission to the PHY.
COL transitions asynchronously with respect to TXC and RXC.
Reduced MII (RMII) Data Interface
The Reduced Media Independent Interface (RMII) specifies a low pin count Media Independent Interface (MII). It provides
a common interface between physical layer and MAC layer devices, and has the following key characteristics:
•
Supports 10Mbps and 100Mbps data rates.
•
Uses a 50MHz reference clock.
•
Provides independent 2-bit wide (di-bit) transmit and receive data paths.
•
Contains two distinct groups of signals: one for transmission and the other for reception.
The KSZ8041NL is configured in RMII mode after it is power-up or reset with the following:
•
A 50MHz reference clock connected to REFCLK (pin 9).
•
CONFIG[2:0] (pins 18, 29, 28) set to ‘001’.
The KSZ8041RNL is configured in RMII mode and outputs the 50MHz RMII reference clock to the MAC on REF_CLK (pin
19) after it is power-up or reset with the following:
•
A 25MHz crystal connected to XI (pin 9) and XO (pin 8), or a 25MHz reference clock connected to XI (pin 9).
•
CONFIG[2:0] (pins 18, 29, 28) set to ‘001’.
In RMII mode, unused MII signals, TXD[3:2] (pins 27, 26), are tied to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com