Electronic Components Datasheet Search
  English  ▼

X  

H1102 Datasheet(PDF) 32 Page - Micrel Semiconductor

Part # H1102
Description  10Base-T/100Base-TX Physical Layer Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

H1102 Datasheet(HTML) 32 Page - Micrel Semiconductor

Back Button H1102 Datasheet HTML 28Page - Micrel Semiconductor H1102 Datasheet HTML 29Page - Micrel Semiconductor H1102 Datasheet HTML 30Page - Micrel Semiconductor H1102 Datasheet HTML 31Page - Micrel Semiconductor H1102 Datasheet HTML 32Page - Micrel Semiconductor H1102 Datasheet HTML 33Page - Micrel Semiconductor H1102 Datasheet HTML 34Page - Micrel Semiconductor H1102 Datasheet HTML 35Page - Micrel Semiconductor H1102 Datasheet HTML 36Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
Micrel, Inc.
KSZ8041NL/RNL
September 2010
32
M9999-090910-1.4
Register Map
Register Number (Hex)
Description
0h
Basic Control
1h
Basic Status
2h
PHY Identifier 1
3h
PHY Identifier 2
4h
Auto-Negotiation Advertisement
5h
Auto-Negotiation Link Partner Ability
6h
Auto-Negotiation Expansion
7h
Auto-Negotiation Next Page
8h
Link Partner Next Page Ability
9h – 13h
Reserved
14h
MII Control
15h
RXER Counter
16h – 1Ah
Reserved
1Bh
Interrupt Control/Status
1Ch – 1Dh
Reserved
1Eh
PHY Control 1
1Fh
PHY Control 2
Register Description
Address
Name
Description
Mode
(1)
Default
Register 0h – Basic Control
0.15
Reset
1 = Software reset
0 = Normal operation
This bit is self-cleared after a ‘1’ is written to it.
RW/SC
0
0.14
Loop-back
1 = Loop-back mode
0 = Normal operation
RW
0
0.13
Speed Select
(LSB)
1 = 100Mbps
0 = 10Mbps
This bit is ignored if auto-negotiation is enabled
(register 0.12 = 1).
RW
Set by SPEED strapping pin.
See “Strapping Options” section
for details.
0.12
Auto-
Negotiation
Enable
1 = Enable auto-negotiation process
0 = Disable auto-negotiation process
If enabled, auto-negotiation result overrides
settings in register 0.13 and 0.8.
RW
Set by NWAYEN strapping pin.
See “Strapping Options” section
for details.
0.11
Power Down
1 = Power down mode
0 = Normal operation
RW
0
0.10
Isolate
1 = Electrical isolation of PHY from MII and
TX+/TX-
0 = Normal operation
RW
Set by ISO strapping pin.
See “Strapping Options” section
for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com