Electronic Components Datasheet Search
  English  ▼

X  

H1102 Datasheet(PDF) 30 Page - Micrel Semiconductor

Part # H1102
Description  10Base-T/100Base-TX Physical Layer Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

H1102 Datasheet(HTML) 30 Page - Micrel Semiconductor

Back Button H1102 Datasheet HTML 26Page - Micrel Semiconductor H1102 Datasheet HTML 27Page - Micrel Semiconductor H1102 Datasheet HTML 28Page - Micrel Semiconductor H1102 Datasheet HTML 29Page - Micrel Semiconductor H1102 Datasheet HTML 30Page - Micrel Semiconductor H1102 Datasheet HTML 31Page - Micrel Semiconductor H1102 Datasheet HTML 32Page - Micrel Semiconductor H1102 Datasheet HTML 33Page - Micrel Semiconductor H1102 Datasheet HTML 34Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
Micrel, Inc.
KSZ8041NL/RNL
September 2010
30
M9999-090910-1.4
Power Management
The KSZ8041NL/RNL offers the following power management modes:
Power Saving Mode
This mode is used to reduce power consumption when the cable is unplugged. It is in effect when auto-negotiation mode
is enabled, cable is disconnected, and register 1F bit 10 is set to 1. Under power saving mode, the KSZ8041NL/RNL
shuts down all transceiver blocks, except for transmitter, energy detect and PLL circuits. Additionally, for the KSZ8041NL
in MII mode, the RXC clock output is disabled. RXC clock is enabled after the cable is connected and link is established.
Power saving mode is disabled by writing a zero to register 1F bit 10.
Power Down Mode
This mode is used to power down the entire KSZ8041NL/RNL device when it is not in use. Power down mode is enabled
by writing a one to register 0 bit 11. In the power down state, the KSZ8041NL/RNL disables all internal functions, except
for the MII management interface.
Reference Clock Connection Options
A crystal or clock source, such as an oscillator, is used to provide the reference clock for the KSZ8041NL/RNL.
The Figure 6 illustrates how to connect the 25MHz crystal and oscillator reference clock.
Figure 6. 25MHz Crystal / Oscillator Reference Clock
For the KSZ8041NL, Figure 7 illustrates how to connect the 50MHz oscillator reference clock for RMII mode.
Figure 7. 50MHz Oscillator Reference Clock for KSZ8041NL RMII Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com