Electronic Components Datasheet Search
  English  ▼

X  

H1102 Datasheet(PDF) 40 Page - Micrel Semiconductor

Part # H1102
Description  10Base-T/100Base-TX Physical Layer Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

H1102 Datasheet(HTML) 40 Page - Micrel Semiconductor

Back Button H1102 Datasheet HTML 36Page - Micrel Semiconductor H1102 Datasheet HTML 37Page - Micrel Semiconductor H1102 Datasheet HTML 38Page - Micrel Semiconductor H1102 Datasheet HTML 39Page - Micrel Semiconductor H1102 Datasheet HTML 40Page - Micrel Semiconductor H1102 Datasheet HTML 41Page - Micrel Semiconductor H1102 Datasheet HTML 42Page - Micrel Semiconductor H1102 Datasheet HTML 43Page - Micrel Semiconductor H1102 Datasheet HTML 44Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
Micrel, Inc.
KSZ8041NL/RNL
September 2010
40
M9999-090910-1.4
Absolute Maximum Ratings
(1)
Supply Voltage
(VDDPLL_1.8) ............................................... -0.5V to +2.4V
(VDDIO_3.3, VDDA_3.3) ................................... -0.5V to +4.0V
Input Voltage (all inputs) ............................... -0.5V to +4.0V
Output Voltage (all outputs) .......................... -0.5V to +4.0V
Lead Temperature (soldering, 10sec.) ....................... 260°C
Storage Temperature (Ts) ..........................-55°C to +150°C
ESD Rating
(3).................................................................. 6kV
Operating Ratings
(2)
Supply Voltage
(VDDIO_3.3, VDDA_3.3) .......................... +3.135V to +3.465V
Ambient Temperature
(TA , Commercial)...................................... 0°C to +70°C
(TA , Industrial) .......................................-40°C to +85°C
(TA , AM Automotive Qualified) .............-40°C to +85°C
Maximum Junction Temperature (TJ Max) ................. 125°C
Maximum Case Temperature (TC Max)...................... 150°C
Thermal Resistance (
θ
JA) ......................................... 34°C/W
Thermal Resistance (
θ
JC) ........................................... 6°C/W
Electrical Characteristics
(4)
Symbol
Parameter
Condition
Min
Typ
Max
Units
Supply Current
(5)
IDD1
100Base-TX
Chip only (no transformer);
Full-duplex traffic @ 100% utilization
53.0
mA
IDD2
10Base-T
Chip only (no transformer);
Full-duplex traffic @ 100% utilization
38.0
mA
IDD3
Power Saving Mode
Ethernet cable disconnected (reg. 1F.10 = 1)
32.0
mA
IDD4
Power Down Mode
Software power down (reg. 0.11 = 1)
4.0
mA
TTL Inputs
VIH
Input High Voltage
2.0
V
VIL
Input Low Voltage
0.8
V
IIN
Input Current
VIN = GND ~ VDDIO
-10
10
µ
A
TTL Outputs
VOH
Output High Voltage
IOH = -4mA
2.4
V
VOL
Output Low Voltage
IOL = 4mA
0.4
V
|Ioz|
Output Tri-State Leakage
10
µ
A
LED Outputs
ILED
Output Drive Current
Each LED pin (LED0, LED1)
8
mA
100Base-TX Transmit (measured differentially after 1:1 transformer)
VO
Peak Differential Output Voltage
100
Ω termination across differential output
0.95
1.05
V
VIMB
Output Voltage Imbalance
100
Ω termination across differential output
2
%
Rise/Fall Time
3
5
ns
Rise/Fall Time Imbalance
0
0.5
ns
Duty Cycle Distortion
+ 0.25
ns
tr, tf
Overshoot
5
%
VSET
Reference Voltage of ISET
0.65
V
Output Jitter
Peak-to-peak
0.7
1.4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com