Electronic Components Datasheet Search
  English  ▼

X  

H1102 Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # H1102
Description  10Base-T/100Base-TX Physical Layer Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

H1102 Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button H1102 Datasheet HTML 14Page - Micrel Semiconductor H1102 Datasheet HTML 15Page - Micrel Semiconductor H1102 Datasheet HTML 16Page - Micrel Semiconductor H1102 Datasheet HTML 17Page - Micrel Semiconductor H1102 Datasheet HTML 18Page - Micrel Semiconductor H1102 Datasheet HTML 19Page - Micrel Semiconductor H1102 Datasheet HTML 20Page - Micrel Semiconductor H1102 Datasheet HTML 21Page - Micrel Semiconductor H1102 Datasheet HTML 22Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
Micrel, Inc.
KSZ8041NL/RNL
September 2010
18
M9999-090910-1.4
Pin Description – KSZ8041RNL (Continued)
Pin Number
Pin Name
Type
(1)
Pin Function
31
LED1 /
SPEED
Ipu/O
LED Output:
Programmable LED1 Output /
Config Mode:
Latched as SPEED (register 0h, bit 13) during power-up / reset.
See “Strapping Options” section for details.
The LED1 pin is programmable via register 1Eh bits [15:14], and is defined as
follows.
LED mode = [00]
Speed
Pin State
LED Definition
10BT
H
OFF
100BT
L
ON
LED mode = [01]
Activity
Pin State
LED Definition
No Activity
H
OFF
Activity
Toggle
Blinking
LED mode = [10], [11]
Reserved
32
RST#
I
Chip Reset (active low)
PADDLE
GND
Gnd
Ground
Notes:
1.
P = Power supply.
Gnd = Ground.
I = Input.
O = Output.
I/O = Bi-directional.
Opu = Output with internal pull-up (40K +/-30%).
Ipu/O = Input with internal pull-up (40K +/-30%) during power-up/reset; output pin otherwise.
Ipd/O = Input with internal pull-down (40K +/-30%) during power-up/reset; output pin otherwise.
2.
RMII Rx Mode: The RXD[1:0] bits are synchronous with REF_CLK. For each clock period in which CRS_DV is asserted, two bits of
recovered data are sent from the PHY.
3.
RMII Tx Mode: The TXD[1:0] bits are synchronous with REF_CLK. For each clock period in which TX_EN is asserted, two bits of data are
received by the PHY from the MAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com