Electronic Components Datasheet Search
  English  ▼

X  

H1102 Datasheet(PDF) 36 Page - Micrel Semiconductor

Part # H1102
Description  10Base-T/100Base-TX Physical Layer Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

H1102 Datasheet(HTML) 36 Page - Micrel Semiconductor

Back Button H1102 Datasheet HTML 32Page - Micrel Semiconductor H1102 Datasheet HTML 33Page - Micrel Semiconductor H1102 Datasheet HTML 34Page - Micrel Semiconductor H1102 Datasheet HTML 35Page - Micrel Semiconductor H1102 Datasheet HTML 36Page - Micrel Semiconductor H1102 Datasheet HTML 37Page - Micrel Semiconductor H1102 Datasheet HTML 38Page - Micrel Semiconductor H1102 Datasheet HTML 39Page - Micrel Semiconductor H1102 Datasheet HTML 40Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
Micrel, Inc.
KSZ8041NL/RNL
September 2010
36
M9999-090910-1.4
Register Description (Continued)
Address
Name
Description
Mode
(1)
Default
Register 7h – Auto-Negotiation Next Page
7.15
Next Page
1 = Additional next page(s) will follow
0 = Last page
RW
0
7.14
Reserved
RO
0
7.13
Message Page
1 = Message page
0 = Unformatted page
RW
1
7.12
Acknowledge2
1 = Will comply with message
0 = Cannot comply with message
RW
0
7.11
Toggle
1 = Previous value of the transmitted link code
word equaled logic one
0 = Logic zero
RO
0
7.10:0
Message Field
11-bit wide field to encode 2048 messages
RW
000_0000_0001
Register 8h – Link Partner Next Page Ability
8.15
Next Page
1 = Additional Next Page(s) will follow
0 = Last page
RO
0
8.14
Acknowledge
1 = Successful receipt of link word
0 = No successful receipt of link word
RO
0
8.13
Message Page
1 = Message page
0 = Unformatted page
RO
0
8.12
Acknowledge2
1 = Able to act on the information
0 = Not able to act on the information
RO
0
8.11
Toggle
1 = Previous value of transmitted link code
word equal to logic zero
0 = Previous value of transmitted link code
word equal to logic one
RO
0
8.10:0
Message Field
RO
000_0000_0000
Register 14h – MII Control
14.15:8
Reserved
RO
0000_0000
14.7
100Base-TX
Preamble
Restore
1 = Restore received preamble to MII output
(random latency)
0 = Consume 1-byte preamble before sending
frame to MII output for fixed latency
RW
0 or
1 (if CONFIG[2:0] = 100)
See “Strapping Options” section
for details.
14.6
10Base-T
Preamble
Restore
1 = Restore received preamble to MII output
0 = Remove all 7-bytes of preamble before
sending frame (starting with SFD) to MII
output
RW
0
14.5:0
Reserved
RO
00_0001
Register 15h – RXER Counter
15.15:0
RXER Counter
Receive error counter for Symbol Error frames
RO/SC
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com