Electronic Components Datasheet Search
  English  ▼

X  

H1102 Datasheet(PDF) 33 Page - Micrel Semiconductor

Part # H1102
Description  10Base-T/100Base-TX Physical Layer Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

H1102 Datasheet(HTML) 33 Page - Micrel Semiconductor

Back Button H1102 Datasheet HTML 29Page - Micrel Semiconductor H1102 Datasheet HTML 30Page - Micrel Semiconductor H1102 Datasheet HTML 31Page - Micrel Semiconductor H1102 Datasheet HTML 32Page - Micrel Semiconductor H1102 Datasheet HTML 33Page - Micrel Semiconductor H1102 Datasheet HTML 34Page - Micrel Semiconductor H1102 Datasheet HTML 35Page - Micrel Semiconductor H1102 Datasheet HTML 36Page - Micrel Semiconductor H1102 Datasheet HTML 37Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
Micrel, Inc.
KSZ8041NL/RNL
September 2010
33
M9999-090910-1.4
Register Description (Continued)
Address
Name
Description
Mode
(1)
Default
Register 0h – Basic Control
0.9
Restart Auto-
Negotiation
1 = Restart auto-negotiation process
0 = Normal operation.
This bit is self-cleared after a ‘1’ is written to it.
RW/SC
0
0.8
Duplex Mode
1 = Full-duplex
0 = Half-duplex
RW
Inverse of DUPLEX strapping pin
value.
See “Strapping Options” section
for details.
0.7
Collision Test
1 = Enable COL test
0 = Disable COL test
RW
0
0.6:1
Reserved
RO
000_000
0.0
Disable
Transmitter
0 = Enable transmitter
1 = Disable transmitter
RW
0
Register 1h – Basic Status
1.15
100Base-T4
1 = T4 capable
0 = Not T4 capable
RO
0
1.14
100Base-TX
Full Duplex
1 = Capable of 100Mbps full-duplex
0 = Not capable of 100Mbps full-duplex
RO
1
1.13
100Base-TX
Half Duplex
1 = Capable of 100Mbps half-duplex
0 = Not capable of 100Mbps half-duplex
RO
1
1.12
10Base-T Full
Duplex
1 = Capable of 10Mbps full-duplex
0 = Not capable of 10Mbps full-duplex
RO
1
1.11
10Base-T Half
Duplex
1 = Capable of 10Mbps half-duplex
0 = Not capable of 10Mbps half-duplex
RO
1
1.10:7
Reserved
RO
0000
1.6
No Preamble
1 = Preamble suppression
0 = Normal preamble
RO
1
1.5
Auto-
Negotiation
Complete
1 = Auto-negotiation process completed
0 = Auto-negotiation process not completed
RO
0
1.4
Remote Fault
1 = Remote fault
0 = No remote fault
RO/LH
0
1.3
Auto-
Negotiation
Ability
1 = Capable to perform auto-negotiation
0 = Not capable to perform auto-negotiation
RO
1
1.2
Link Status
1 = Link is up
0 = Link is down
RO/LL
0
1.1
Jabber Detect
1 = Jabber detected
0 = Jabber not detected (default is low)
RO/LH
0
1.0
Extended
Capability
1 = Supports extended capabilities registers
RO
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com