Electronic Components Datasheet Search
  English  ▼

X  

H1102 Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # H1102
Description  10Base-T/100Base-TX Physical Layer Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

H1102 Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button H1102 Datasheet HTML 13Page - Micrel Semiconductor H1102 Datasheet HTML 14Page - Micrel Semiconductor H1102 Datasheet HTML 15Page - Micrel Semiconductor H1102 Datasheet HTML 16Page - Micrel Semiconductor H1102 Datasheet HTML 17Page - Micrel Semiconductor H1102 Datasheet HTML 18Page - Micrel Semiconductor H1102 Datasheet HTML 19Page - Micrel Semiconductor H1102 Datasheet HTML 20Page - Micrel Semiconductor H1102 Datasheet HTML 21Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
Micrel, Inc.
KSZ8041NL/RNL
September 2010
17
M9999-090910-1.4
Pin Description – KSZ8041RNL (Continued)
Pin Number
Pin Name
Type
(1)
Pin Function
24
TXD0
I
RMII Transmit Data Input[0]
(3)
25
TXD1
I
RMII Transmit Data Input[1]
(3)
26
NC
I
No connect
27
NC
I
No connect
28
CONFIG0
Ipd/O
The pull-up/pull-down value is latched as CONFIG0 during power-up / reset.
See “Strapping Options” section for details.
29
CONFIG1
Ipd/O
The pull-up/pull-down value is latched as CONFIG1 during power-up / reset.
See “Strapping Options” section for details.
30
LED0 /
NWAYEN
Ipu/O
LED Output:
Programmable LED0 Output /
Config Mode:
Latched as Auto-Negotiation Enable (register 0h, bit 12)
during
power-up / reset. See “Strapping Options” section for details.
The LED0 pin is programmable via register 1Eh bits [15:14], and is defined as
follows.
LED mode = [00]
Link/Activity
Pin State
LED Definition
No Link
H
OFF
Link
L
ON
Activity
Toggle
Blinking
LED mode = [01]
Link
Pin State
LED Definition
No Link
H
OFF
Link
L
ON
LED mode = [10] , [11]
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com