| Electronic Components Datasheet Search |
|
AD9863 Datasheet(PDF) 35 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9863 Datasheet(HTML) 35 Page - Analog Devices |
|
35 / 40 page ![]() AD9863 Rev. A | Page 35 of 40 Read Operations The readback of registers can be a single or dual data byte operation. The readback can be configured to use 3-wire or 4-wire and can be formatted with MSB first or LSB first. The instruction header is written to the device either MSB or LSB first (depending on the mode) followed by the 8-bit output data, appropriately MSB or LSB justified. By default, the output data is sent to the dedicated output pin (SDO). Three-wire operation can be configured by setting the SDIO BiDir register. In 3-wire mode, the SDIO pin will become an output pin after receiving the 8-bit instruction header with a readback request. Figure 55 shows 4-wire SPI read with MSB first; Figure 56 shows 3-wire read with MSB first; and Figure 57 shows 4-wire read with LSB first. tH tS tDS tDH tHI tLO tCLK tDV SEN SCLK SDIO SDO DON'T CARE DON'T CARE DON'T CARE DON'T CARE DON'T CARE DON'T CARE INSTRUCTION HEADER OUTPUT REGISTER DATA A5 D7 D6 D5 D4 D3 D2 D1 D0 A4 A3 A2 A1 A0 R/W 2/1 Figure 55. 1-Byte Serial Register Readback in MSB First Mode, SDIO BiDir Bit Set Logic Low (Default, 4-Wire Mode) SEN SCLK SDIO DON'T CARE DON'T CARE DON'T CARE A5 A4 A3 A2 A1 A0 R/W 2/1 DON'T CARE D7 D6 D5 D4 D3 D2 D1 D0 tS tDS tDH tHI tLO tCLK tDV tH OUTPUT REGISTER DATA INSTRUCTION HEADER Figure 56. 1-Byte Serial Register Readback in MSB First Mode, SDIO BiDir Bit Set Logic High (Default, 3-Wire Mode) SEN SCLK SDIO SDO DON'T CARE DON'T CARE DON'T CARE A0 A1 A2 A3 A4 A5 R/W 2/1 DON'T CARE DON'T CARE DON'T CARE D0 D1 D2 D3 D4 D5 D6 D7 tS tDS tDH tHI tLO tCLK tDV tH OUTPUT REGISTER DATA INSTRUCTION HEADER Figure 57. 1-Byte Serial Register Readback in LSB First Mode, SDIO BiDir Bit Set Logic Low (Default, 4-Wire Mode) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |