Electronic Components Datasheet Search
  English  ▼

X  

AD9863 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9863
Description  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9863 Datasheet HTML 2Page - Analog Devices AD9863 Datasheet HTML 3Page - Analog Devices AD9863 Datasheet HTML 4Page - Analog Devices AD9863 Datasheet HTML 5Page - Analog Devices AD9863 Datasheet HTML 6Page - Analog Devices AD9863 Datasheet HTML 7Page - Analog Devices AD9863 Datasheet HTML 8Page - Analog Devices AD9863 Datasheet HTML 9Page - Analog Devices AD9863 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
AD9863
Rev. A| Page 6 of 40
TIMING SPECIFICATIONS
Table 5.
Parameter
Temp
Test Level
Min
Typ
Max
Unit
INPUT CLOCK
CLKIN2 Clock Rate (PLL Bypassed)
Full
IV
1
200
MHz
PLL Input Frequency
Full
IV
16
200
MHz
PLL Ouput Frequency
Full
IV
32
350
MHz
TxPATH DATA
Setup Time
(HD24 Mode, Time Required Before Data Latching Edge)
Full
V
5
ns (see Clock
Distribution Block
section)
Hold Time
(HD24 Mode, Time Required After Data Latching Edge)
Full
V
−1.5
ns (see Clock
Distribution Block
section)
Latency 1× Interpolation (Data In Until Peak Output Response)
Full
V
7
DAC clock cycles
Latency 2× Interpolation (Data In Until Peak Output Response)
Full
V
35
DAC clock cycles
Latency 4× Interpolation (Data In Until Peak Output Response)
Full
V
83
DAC clock cycles
RxPATH DATA
Output Delay (HD24 Mode, tOD)
Full
V
−1.5
ns ( see Clock
Distribution Block
section)
Latency
Full
V
5
ADC clock cycles
Table 6. Explanation of Test Levels
Level
Description
I
100% production tested.
II
100% production tested at 25
°C and guaranteed by design and characterization at specified temperatures.
III
Sample tested only.
IV
Parameter is guaranteed by design and characterization testing.
V
Parameter is a typical value only.
VI
100% production tested at 25
°C and guaranteed by design and characterization for industrial temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com