Electronic Components Datasheet Search
  English  ▼

X  

AD9863 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9863
Description  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9863 Datasheet HTML 21Page - Analog Devices AD9863 Datasheet HTML 22Page - Analog Devices AD9863 Datasheet HTML 23Page - Analog Devices AD9863 Datasheet HTML 24Page - Analog Devices AD9863 Datasheet HTML 25Page - Analog Devices AD9863 Datasheet HTML 26Page - Analog Devices AD9863 Datasheet HTML 27Page - Analog Devices AD9863 Datasheet HTML 28Page - Analog Devices AD9863 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
AD9863
Rev. A | Page 25 of 40
•
Buffered Tx clock output (from IFACE3 pin) equals 2× the
DAC update rate; one rising edge per interleaved Tx sample.
Note the following about the Rx path in FD mode:
•
ADC CLK Div register can be used to divide down the
clock driving the ADC, which accepts up to 50 MHz.
•
Max ADC sampling rate = 50 MSPS.
•
The Rx path output data rate is 2× the ADC sample rate
(interleaved).
•
Rx_A output when IFACE2 logic level = low.
Rx_B output when IFACE2 logic level = high.
HD12 Mode
The half-duplex, 12-bit interleaved output mode, HD12, can be
configured using mode pins or the SPI.
HD12 mode supports half-duplex only operations and can
interface to a single 12-bit data bus with independent Rx and Tx
synchronization pins (RxSYNC and TxSYNC). Both the U12
and L12 buses are used on the AD9863, but the logic level of the
Tx/Rx selector (controlled through IFACE1 pin) is used to
disable and three-state the unused bus, allowing U12 and L12 to
be tied together. The MSB of the unused bus acts as the RxSYNC
(during Rx operation) or TxSYNC (during Tx operation). A
single pin is used to output the clocks for Rx and Tx data
latching (from the IFACE3 pin) switching, depending on which
path is enabled. HD12 mode requires interpolation of 2× or 4×.
The following notes provide a general description of the HD12
mode configuration. For more information, refer to Table 15.
Note the following about the Tx path in HD12 mode:
•
Interpolation rate of 2× or 4× can be programmed with
mode pins or SPI.
•
Interleaved Tx data accepted on U12 bus, L12 bus MSB
acts as TxSYNC.
•
Max DAC update rate = 200 MSPS.
Max Tx input data rate = 80 MSPS/channel (160 MSPS
interleaved).
•
TxSYNC is used to direct Tx input data.
TxSYNC = high indicates channel Tx_A data.
TxSYNC = low indicates channel Tx_B data.
Note the following about the Rx path in HD12 mode:
•
ADC CLK Div register can be used to divide down the
clock driving the ADC, which accepts up to 50 MHz.
•
Max ADC sampling rate = 50 MSPS.
•
Output data rate = 2× ADC sample rate.
•
Interleaved Rx data output from L12 bus.
•
Rx_A output when IFACE2 (or RxSYNC) logic level = low.
Rx_B output when IFACE2 (or RxSYNC) logic level = high.
HD24 Mode
The half-duplex, 24-bit parallel output mode, HD24, can be
configured using mode pins or through SPI programming.
HD24 mode supports half-duplex only operations and can
interface to a single 24-bit data bus (two parallel 12-bit buses).
Both the U12 and L12 buses are used on the AD9863. The logic
level of the Tx/Rx selector (controlled through IFACE1 pin) is
used to configure the buses as Rx outputs (during Rx operation)
or as Tx inputs (during Tx operation). A single pin is used to
output the clocks for Rx and Tx data latching (from the IFACE3
pin) switching, depending on which path is enabled.
The following notes provide a general description of the HD24
mode configuration. For more information, refer to Table 15.
Note the following about the Tx path in HD24 mode:
•
Interpolation rate of 1×, 2×, or 4× can be programmed
with mode pins or SPI.
•
Max DAC update rate = 200 MSPS.
Max Tx input data rate = 160 MSPS/channel with bypassed
interpolation filters, 100 MSPS for 2× interpolation, or
50 MSPS for 4× interpolation.
•
Tx_A DAC data is accepted from the U12 bus; Tx_B DAC
data is accepted from the L12 bus.
Note the following about the Rx path in HD24 mode:
•
ADC CLK Div register can be used to divide down the
clock driving the ADC, which accepts up to 50 MHz.
•
Max ADC sampling rate = 50 MSPS.
•
The Rx_A output data is output on L12 bus; the Rx_B
output data is output on U12 bus.
Clone Mode
Clone mode is an interface mode that provides a similar
interface to the AD9860 when used in half-duplex mode. This
mode requires SPI to configure.
Clone mode provides a parallel Rx data output (24 bits) while in
Rx mode, and it accepts interleaved Tx data (12-bit) while in Tx
mode. Both the U12 and L12 buses are used on the AD9863.
The logic level of the Tx/Rx selector (controlled through the
IFACE1 pin) is used to configure the buses for Rx outputs
(during Rx operation) or as Tx inputs (during Tx operation). A
single pin is used to output the clocks for Rx and Tx data
latching (from the IFACE3 pin), depending on which path is
enabled. Clone mode requires interpolation of 2× or 4×.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com