Electronic Components Datasheet Search
  English  ▼

X  

AD9863 Datasheet(PDF) 36 Page - Analog Devices

Part # AD9863
Description  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9863 Datasheet HTML 32Page - Analog Devices AD9863 Datasheet HTML 33Page - Analog Devices AD9863 Datasheet HTML 34Page - Analog Devices AD9863 Datasheet HTML 35Page - Analog Devices AD9863 Datasheet HTML 36Page - Analog Devices AD9863 Datasheet HTML 37Page - Analog Devices AD9863 Datasheet HTML 38Page - Analog Devices AD9863 Datasheet HTML 39Page - Analog Devices AD9863 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
AD9863
Rev. A| Page 36 of 40
CLOCK DISTRIBUTION BLOCK
Theory/Description
The AD9863 uses a PLL clock multiplier circuit and an internal
distribution block to generate all required clocks for various
timing configurations. The AD9863 has two independent input
clocks, CLKIN1 and CLKIN2. The CLKIN1 is primarily used to
drive the Rx ADCs path. The CLKIN2 is primarily used to drive
the TxDACs path. There are many options for configuring the
clock distribution block, which are programmed through
internal register settings. The Clock Distribution Block Diagram
section describes the timing block diagram breakdown, followed
by the data timing for the different data interface options.
The clock distribution block contains a PLL, which includes an
optional output divide-by-5 circuit, an ADC divide-by-2 circuit,
multiplexers, and other digital logic.
There are two main methods of configuring the Rx path timing
of the AD9863: normal timing mode and alternate timing
mode, which are controlled through Register 0x15, Bit 4. In
normal timing mode, the Rx path clock is driven directly from
the CLKIN1 input, and the Tx path is driven by a clock derived
from CLKIN2 multiplied by the on-chip PLL. In alternative
timing mode, the CLKIN2 drives the PLL circuitry, and the PLL
output clock drives both the Rx path clock and Tx path clock.
Because alternate timing mode uses the PLL to derive the Rx
path clock, the ADC performance may degrade slightly. This
degradation is due to the phase noise from the PLL, although
typically it is only noticeable in undersampling applications
when the input signal is above the first Nyquist zone of the ADC.
The PLL can provide 1×, 2×, 4×, 8×, and 16× multiplication or
can be bypassed and powered down through register PLL
bypass [Register 0x15, Bit 7] and through register PLL power-
down [Register 0x02, Bit 2]. The PLL requires a minimum input
clock frequency of 16 MHz and needs to provide a minimum
PLL output clock of 32 MHz. This limit applies to the PLL
output prior to the optional divide-by-5 circuitry. For clock
frequencies below these limits, the PLL must be bypassed. The
PLL maximum output frequency before the divide-by-5 circuitry
is 350 MHz. Table 20 shows the input and output clock rates for
all the multiplication settings.
Table 20. PLL Input and Output Minimum and Maximum
Clock Rates
PLL Setting
CLKIN2 Input
(Min/Max) (MHz)
PLL Output Clock
(Min/Max) (MHz)
1× (PLL Bypassed)
1 /200
1 /200
1× (PLL Enabled)
32 /200
32 /200
2×
16 /100
32 /200
4×
16 /50
64 /200
8×
16 /25
128 /200
1/5 ×1
32 /200
6.4 /40
2/5 ×1
16 /175
6.4 /70
4/5 ×1
16 /87.5
12.8 /70
8/5 ×1
16 /43.75
25.6 /70
16/5 ×1
16 /21.875
51.2 /70
1 Indicates PLL output divide-by-5 circuit enabled.
Clock Distribution Block Diagram
The clock distribution block diagram is shown in
Figure 58. An output clock formatter configures the output
synchronization signals, IFACE1, IFACE2, and IFACE3. These
interface pin signals depend on clock mode setting, data I/O
configuration, and other operational settings. Clock mode and
data I/O configuration are defined in register settings of
clk_mode, SpiFD/HD, and SpiB12/24.
Table 21 shows the configuration of the IFACE1, IFACE2, and
IFACE3 pins relative to clock mode. For half-duplex cases, the
IFACE1 pin is an input that identifies if the device is in Rx or Tx
operation mode. The clock mode is used to specify the timing
for each data interface operation mode, presented in detail in
the Flexible I/O Interface Options section. The T and R
extensions after half-duplex Modes 4 and 5, Modes 7 and 8, and
Mode 10 in Table 21 indicate that the device is in transmit or
receive operation mode. The default clock mode setting
[Register 0x01, Bit 5 to Bit 7, Clk_Mode] of 000 configures
clock Mode 1 for the full-duplex operation, Mode 4 for half-
duplex 24 operation, and Mode 7 for half-duplex 12 operation.
Mode 2, Mode 5, Mode 8, and Mode 10 are optional timing
configurations for the AD9863 and can be programmed
through Register 0x01 Clk_Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com