Electronic Components Datasheet Search
  English  ▼

X  

AD9863 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9863
Description  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9863 Datasheet HTML 18Page - Analog Devices AD9863 Datasheet HTML 19Page - Analog Devices AD9863 Datasheet HTML 20Page - Analog Devices AD9863 Datasheet HTML 21Page - Analog Devices AD9863 Datasheet HTML 22Page - Analog Devices AD9863 Datasheet HTML 23Page - Analog Devices AD9863 Datasheet HTML 24Page - Analog Devices AD9863 Datasheet HTML 25Page - Analog Devices AD9863 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
AD9863
Rev. A| Page 22 of 40
channels and aiding in suppressing LO feedthrough. This is
especially useful in image rejection architectures. The 10-bit dc
offset control of each DAC can be used independently to pro-
vide an offset of up to ±12% of IOUTFSMAX to either differential
pin, thus allowing calibration of any system offset. The fine gain
control with 5-bit resolution allows the IOUTFSMAX of each DAC to
be varied over a ±4% range, allowing compensation of any DAC
or system gain mismatches. Fine gain control is set through the
DAC A/DAC B fine gain registers, and the offset control of each
DAC is accomplished using the DAC A/DAC B offset registers.
Clock Input Configuration
The quality of the clock and data input signals is important
in achieving optimum performance. The external clock driver
circuitry provides the AD9863 with a low jitter clock input
that meets the min/max logic levels while providing fast
edges. When a driver is used to buffer the clock input, it
should be placed very close to the AD9863 clock input,
thereby negating any transmission line effects such as
reflections due to mismatch.
Programmable PLL
CLKIN2 can function either as an input data rate clock (PLL
enabled) or as a DAC data rate clock (PLL disabled).
The PLL clock multiplier and distribution circuitry produce the
necessary internal timing to synchronize the rising edge trig-
gered latches for the enabled interpolation filters and DACs.
This circuitry consists of a phase detector, charge pump, voltage
controlled oscillator (VCO), and clock distribution block, all
under SPI port control. The charge pump, phase detector, and
VCO are powered from PLL_AVDD, while the clock distribu-
tion circuits are powered from the DVDD supply.
To ensure optimum phase noise performance from the PLL
clock multiplier circuits, PLL_AVDD should originate from a
clean analog supply. The speed of the VCO within the PLL also
has an effect on phase noise.
The PLL locks with VCO speeds as low as 32 MHz up to
350 MHz, but optimal phase noise with respect to VCO speed is
achieved by running it in the range of 64 MHz to 200 MHz.
Power Dissipation
The AD9863 Tx path power is derived from three voltage supplies:
AVDD, DVDD, and DRVDD.
IDRVDD and IDVDD are very dependent on the input data
rate, the interpolation rate, and the activation of the internal
digital modulator. IAVDD has the same type of sensitivity to
data, interpolation rate, and the modulator function, but to a
much lesser degree (<10%).
Sleep/Power-Down Modes
The AD9863 provides multiple methods for programming power
saving modes. The externally controlled TxPWRDWN or SPI
programmed sleep mode and the full power-down mode are the
main options.
TxPWRDWN is used to disable all clocks and much of the analog
circuitry in the Tx path when asserted. In this mode, the biases
remain active, therefore reducing the time required for re-enabling
the Tx path. The time of recovery from power-down for this mode
is typically less than 10 µs.
Sleep mode, when activated, turns off the DAC output currents, but
the rest of the chip remains functioning. When coming out of sleep
mode, the AD9863 immediately returns to full operation.
A full power-down mode can be enabled through the SPI register,
which turns off all Tx path related analog and digital circuitry in
the AD9863. When returning from full power-down mode,
enough clock cycles must be allowed to flush the digital filters of
random data acquired during the power-down cycle.
Interpolation Stage
Interpolation filters are available for use in the AD9863 transmit
path, providing 1× (bypassed), 2×, or 4× interpolation.
The interpolation filters effectively increase the Tx data rate while
suppressing the original images. The interpolation filters digitally
shift the worst-case image further away from the desired signal,
thus reducing the requirements on the analog output
reconstruction filter.
There are two 2× interpolation filters available in the Tx path. An
interpolation rate of 4× is achieved using both interpolation filters;
an interpolation rate of 2× is achieved by enabling only the first 2×
interpolation filter.
The first interpolation filter provides 2× interpolation using a
39-tap filter. It suppresses out-of-band signals by 60 dB or more
and has a flat pass-band response (less than 0.1 dB ripple)
extending to 38% of the input Tx data rate (19% of the DAC update
rate, fDAC). The maximum input data rate is 80 MSPS per channel
when using 2× interpolation.
The second interpolation filter provides an additional 2× interpola-
tion for an overall 4× interpolation. The second filter is a 15-tap
filter, which suppresses out-of-band signals by 60 dB or more.
The flat pass-band response (less than 0.1 dB attenuation) is 38% of
the Tx input data rate (9.5% of fDAC). The maximum input data rate
per channel is 50 MSPS per channel when using 4× interpolation.
Latch/Demultiplexer
Data for the dual-channel Tx path can be latched in parallel
through two ports in half-duplex operations (HD24 mode) or
through a single port by interleaving the data (FD, HD12, and
clone modes). See the Flexible I/O Interface Options section in the
Digital Block description that follows and the Clock Distribution
Block section for further descriptions of each mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com