Electronic Components Datasheet Search
  English  ▼

X  

AD9863 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9863
Description  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9863 Datasheet HTML 10Page - Analog Devices AD9863 Datasheet HTML 11Page - Analog Devices AD9863 Datasheet HTML 12Page - Analog Devices AD9863 Datasheet HTML 13Page - Analog Devices AD9863 Datasheet HTML 14Page - Analog Devices AD9863 Datasheet HTML 15Page - Analog Devices AD9863 Datasheet HTML 16Page - Analog Devices AD9863 Datasheet HTML 17Page - Analog Devices AD9863 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
AD9863
Rev. A| Page 14 of 40
Figure 28 to Figure 33 use the same input data to the Tx path, a 64-carrier OFDM signal over a 20 MHz bandwidth, centered at 20 MHz.
The two center carriers are removed from the signal to observe the in-band intermodulation distortion (IMD) from the DAC output.
–20
–110
–100
–90
–80
–70
–60
–50
–40
–30
–120
7.5
12.5
17.5
22.5
27.5
32.5
FREQUENCY (MHz)
Figure 28. AD9863 Tx Path FFT, 64-Carrier (Two Center Carriers Removed)
OFDM Signal over 20 MHz Bandwidth, Centered at 20 MHz, with
20 mA Full-Scale Output into 60 Ω Differential Load
–20
–110
–100
–90
–80
–70
–60
–50
–40
–30
–120
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
FREQUENCY (MHz)
Figure 29. AD9863 Tx Path FFT, Lower-Band IMD Products of
OFDM Signal in Figure 28
–20
–110
–100
–90
–80
–70
–60
–50
–40
–30
–120
0
10203040
50607080
FREQUENCY (MHz)
Figure 30. AD9863 Tx Path FFT of OFDM Signal in Figure 28 with
1x Interpolation
–20
–110
–100
–90
–80
–70
–60
–50
–40
–30
–120
18.75
19.25
19.75
20.25
20.75
21.25
FREQUENCY (MHz)
Figure 31. AD9863 Tx Path FFT, In-Band IMD Products of
OFDM Signal in Figure 28
–20
–110
–100
–90
–80
–70
–60
–50
–40
–30
–120
27.5
28.0
28.5
29.0
29.5
30.0
30.5
31.0
31.5
32.0
32.5
FREQUENCY (MHz)
Figure 32. AD9863 Tx Path FFT, Lower-Band IMD Products of
OFDM Signal in Figure 28
–20
–110
–100
–90
–80
–70
–60
–50
–40
–30
–120
0
10203040
50607080
FREQUENCY (MHz)
Figure 33. AD9863 Tx Path FFT of OFDM Signal in
Figure 28 with 2x Interpolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com