Electronic Components Datasheet Search
  English  ▼

X  

AD9863 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9863
Description  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9863 Datasheet HTML 32Page - Analog Devices AD9863 Datasheet HTML 33Page - Analog Devices AD9863 Datasheet HTML 34Page - Analog Devices AD9863 Datasheet HTML 35Page - Analog Devices AD9863 Datasheet HTML 36Page - Analog Devices AD9863 Datasheet HTML 37Page - Analog Devices AD9863 Datasheet HTML 38Page - Analog Devices AD9863 Datasheet HTML 39Page - Analog Devices AD9863 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
AD9863
Rev. A| Page 38 of 40
Table 22. Serial Registers Related to the Clock Distribution Block
Register Name
Register Address,
Bit(s)
Function
Enable IFACE2 clkout
Register 0x01, Bit 2
0: There is no clock output from IFACE2 pin, except in FD mode.
1: The IFACE2 pin outputs a continuous reference clock from the PLL output. In FD mode,
this inverts the IFACE2 output.
Inv clkout (IFACE3)
Register 0x01, Bit 1
0: The IFACE3 clock output is not inverted.
1: The IFACE3 clock output is inverted.
Tx Inverse Sample
Register 0x13, Bit 5
0: The Tx path data is latched relative to the output Tx clock rising edge.
1: The Tx path data is latched relative to the output Tx clock falling edge.
Interpolation Control
Register 0x13, Bit 1:0
Sets interpolation of 1×, 2×, or 4× for the Tx path.
PLL_Bypass
Register 0x15, Bit 7
0: PLL block is used to generate system clock.
1: PLL block bypasses generate system clock.
ADC Clock Div
Register 0x15, Bit 5
0: ADC clock rate equals the Rx path frequency.
1: ADC clock is one-half the Rx path frequency.
Alt Timing Mode
Register 0x15, Bit 4
0: CLKIN1 is used to drive the Rx path clock.
1: PLL block output is used to drive the Rx path clock.
PLL Div5
Register 0x15, Bit 3
0: PLL block output clock is not divided down.
1: PLL block output clock is divided by 5.
PLL Multiplier
Register 0x15, Bit 2:0
Sets multiplication factor of the PLL block to 1× (000), 2× (001), 4× (010), 8× (011), or 16x (100).
PLL to IFACE2
Register 0x16, Bit 5
0: If enable IFACE2 clkout register is set, IFACE2 outputs buffered CLKIN.
1: If enable IFACE2 clkout register is set, IFACE2 outputs buffered PLL output clock.
Transmit (Tx) timing requires specific setup and hold times to
properly latch data through the data interface bus. These timing
parameters are specified relative to an internally generated
output reference clock. The AD9863 has two interface clocks
provided through the IFACE3 and IFACE2 pins. The transmit
timing specifications and setup and hold times provide a
minimum required window of valid data.
Setup time (tSETUP) is the time required for data to initially settle
to a valid logic level prior to the relative output timing edge.
Hold time (tHOLD) is the time after the output timing edge that
valid data must remain on the data bus to be properly latched.
Figure 59 shows tSETUP and tHOLD relative to IFACE3 falling edge.
Note that in some cases negative time is specified, for example,
with tHOLD timing, which means that the hold time edge occurs
before the relative output clock edge.
IFACE3 (CLKOUT)
Tx DATA
tSETUP
tHOLD
Figure 59. Tx Data Timing Diagram
Table 23 shows typical setup and hold times for the AD9863 in
the various mode configurations.
Table 23. Typical Tx Data Latch Timing Relative to
IFACE3 Falling Edge
Mode No.
Mode Name
tSETUP (ns)
tHOLD (ns)
1
FD
5
–2.5
2
Optional FD
5
–2.5
4
HD24
5
–1.5
5
Optional HD24
5
–1.5
7
HD12
5
–2.5
8
Optional HD12
5
–2.5
10
Clone
5
–1.5
Receive (Rx) path data is output after a reference output clock
edge. The time delay of the Rx data relative to a reference
output clock is called the output delay, tOD. The AD9863 has two
possible interface clocks provided through the IFACE3 and
IFACE2 pins. Figure 60 shows tOD relative to the IFACE3 rising
edge. Note that in some cases negative time is specified, which
means that the output data transition occurs prior to the relative
output clock edge.
IFACE3 (CLKOUT)
Rx DATA
tOD
Figure 60. Rx Data Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com