Electronic Components Datasheet Search
  English  ▼

X  

AD9863 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9863
Description  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9863 Datasheet HTML 19Page - Analog Devices AD9863 Datasheet HTML 20Page - Analog Devices AD9863 Datasheet HTML 21Page - Analog Devices AD9863 Datasheet HTML 22Page - Analog Devices AD9863 Datasheet HTML 23Page - Analog Devices AD9863 Datasheet HTML 24Page - Analog Devices AD9863 Datasheet HTML 25Page - Analog Devices AD9863 Datasheet HTML 26Page - Analog Devices AD9863 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
AD9863
Rev. A | Page 23 of 40
DIGITAL BLOCK
Flexible I/O Interface Options
The AD9863 digital block allows the device to be configured
in various timing and operation modes. The following sec-
tions discuss the flexible I/O interfaces, the clock distribution
block, and the programming of the device through mode pins
or SPI registers.
The AD9863 can accommodate various data interface transfer
options (flexible I/O). The AD9863 uses two 12-bit buses, an
upper bus (U12) and a lower bus (L12), to transfer the dual-
channel 12-bit ADC data and dual-channel 12-bit DAC data by
means of interleaved data, parallel data, or a mix of both. Table 10
shows the different I/O configurations of the modes depending
on half-duplex or full-duplex operation. Table 11 and Table 12
summarize the pin configurations vs. the modes.
Table 10. Flexible Data Interface Modes
Mode
Name
Tx Only Mode (Half-Duplex)
Rx Only Mode (Half-Duplex)
Concurrent Tx + Rx Mode
(Full-Duplex)
General Notes
HD24
U[0:11]
DIGITAL
BACK
END
AD9863
Tx_A DATA
03604-0-078
L[0:11]
Tx_B DATA
IFACE1
Tx/Rx
IFACE2
OUTPUT CLOCK
IFACE3
OUTPUT CLOCK
L[0:11]
DIGITAL
BACK
END
AD9863
Rx_A DATA
03604-0-082
Rx_B DATA
U[0:11]
IFACE1
Tx/Rx
IFACE2
OUTPUT CLOCK
IFACE3
OUTPUT CLOCK
N/A
Rx data rate
= 1 × ADC sample rate
Two 12-bit parallel Rx data
buses
Tx data rate
= 1 × ADC sample rate
Two 12-bit parallel Tx data
buses
HD12
U[0:11]
DIGITAL
BACK
END
AD9863
Tx_A/B DATA
03604-0-079
L[11]
TxSYNC
IFACE1
Tx/Rx
IFACE2
OUTPUT CLOCK
IFACE3
OUTPUT CLOCK
U[11]
DIGITAL
BACK
END
AD9863
RxSYNC
03604-0-083
Rx_A/B DATA
L[0:11]
IFACE1
Tx/Rx
IFACE2
OUTPUT CLOCK
IFACE3
OUTPUT CLOCK
N/A
Rx data rate
= 2 × ADC sample rate
One 12-bit interleaved Rx
data bus
Tx data rate
= 2 × ADC sample rate
One 12-bit interleaved Tx
data bus
FD
U[0:11]
DIGITAL
BACK
END
AD9863
Tx_A/B DATA
03604-0-080
L[0:11]
IFACE1
TxSYNC
IFACE2
OUTPUT CLOCK
IFACE3
OUTPUT CLOCK
U[0:11]
DIGITAL
BACK
END
AD9863
03604-0-084
Rx_A/B DATA
L[0:11]
IFACE1
IFACE2
OUTPUT CLOCK
IFACE3
OUTPUT CLOCK
U[0:11]
DIGITAL
BACK
END
AD9863
Tx_A/B DATA
03604-0-086
Rx_A/B DATA
L[0:11]
IFACE1
TxSYNC
IFACE2
OUTPUT CLOCK
IFACE3
OUTPUT CLOCK
Rx data rate
= 2 × ADC sample rate
One 12-bit interleaved Rx
data bus
Tx data rate
= 2 × ADC sample rate
One 12-bit interleaved Tx
data bus
Clone
U[0:11]
DIGITAL
BACK
END
AD9863
Tx_A/B DATA
03604-0-081
TxSYNC
L[11]
IFACE1
Tx/Rx
IFACE2
OUTPUT CLOCK
IFACE3
OUTPUT CLOCK
U[0:11]
DIGITAL
BACK
END
AD9863
Rx_A DATA
03604-0-085
Rx_B DATA
L[0:11]
IFACE1
Tx/Rx
IFACE2
OUTPUT CLOCK
IFACE3
OUTPUT CLOCK
N/A
Rx data rate
= 1 × ADC sample rate
Two 12-bit parallel Rx data
buses
Tx data rate
= 2 × ADC sample rate
One 12-bit interleaved Tx
data bus
Requires SPI interface to
configure; similar to AD9862
data interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com