Electronic Components Datasheet Search
  English  ▼

X  

AD9863 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9863
Description  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9863 Datasheet HTML 26Page - Analog Devices AD9863 Datasheet HTML 27Page - Analog Devices AD9863 Datasheet HTML 28Page - Analog Devices AD9863 Datasheet HTML 29Page - Analog Devices AD9863 Datasheet HTML 30Page - Analog Devices AD9863 Datasheet HTML 31Page - Analog Devices AD9863 Datasheet HTML 32Page - Analog Devices AD9863 Datasheet HTML 33Page - Analog Devices AD9863 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
AD9863
Rev. A| Page 30 of 40
Table 17. Register Bit Descriptions
Register Bit
Description
Register 0x00: General
Bit 7: SDIO BiDir (Bidirectional)
Default setting is low, which indicates that the SPI serial port uses dedicated input and output lines
(4-wire interface), SDIO pins and SDO pins, respectively. Setting this bit high configures the serial
port to use the SDIO pin as a bidirectional data pin.
Bit 6: LSB First
Default setting is low, which indicates MSB first SPI port access mode. Setting this bit high
configures the SPI port access to LSB first mode.
Bit 5: Soft Reset
Writing a high to this register resets all the registers to their default values and forces the PLL to
relock to the input clock. The soft reset bit is a one-shot register and is cleared immediately after
the register write is completed.
Register 0x01: Clock Mode
Bit 7 to Bit 5: Clk_Mode
These bits represent the clocking interface for the various modes. Setting 000 is default. Setting 111
is used for clone mode. Refer to the Summary of Flexible I/O Modes section for a definition of clone
mode.
Setting
Mode
000
Standard FD, HD12, HD24 Clock (Modes 1, 4, 7)
001
Optional FD timing (Mode 2)
010
Not used
011
Optional HD24 timing (Mode 5)
100
Not used
101
Optional HD12 timing (Mode 8)
110
Not used
111
Clone Mode (Mode 10)
Bit 2: Enable IFACE2 clkout
Enables the IFACE2 port to be an output clock. Also inverts the IFACE2 output clock in full-duplex mode.
Bit 1: Inv clkout (IFACE3)
Inverts the output clock on IFACE3.
Register 0x02: Power-Down
Bit 7 to Bit 5: Tx Analog
(Power-Down)
Three options are available to reduce analog power consumption for the Tx channels. The first two
options disable the analog output from Tx Channel A or B independently, and the third option
disables the output of both channels and reduces the power consumption of some of the addi-
tional analog support circuitry for maximum power savings. With all three options, the DAC bias
current is not powered down, so recovery times are fast (typically a few clock cycles). The list below
explains the different modes and settings used to configure them.
Power-down option bits setting [7:5]
Power-down Tx A channel analog output [1 0 0]
Power-down Tx B channel analog output [0 1 0]
Power-down Tx A and Tx B analog outputs [1 1 1]
Bit 4: Tx Digital (Power-Down)
Default is low, which enables the digital section of the transmit path to operate as programmed
through other registers. By setting this bit high, the digital blocks are not clocked to reduce power
consumption. When enabled, the Tx outputs are static, holding their last update values.
Bit 3: Rx Digital (Power-Down)
Setting this bit high powers down the digital section of the receive path of the chip. Typically, any
unused digital blocks are automatically powered down.
Bit 2: PLL Power-Down
Setting this register bit high forces the CLKIN2 PLL multiplier to a power-down state. This mode can
be used to conserve power or to bypass the internal PLL. To operate the AD9863 when the PLL is
bypassed, CLKIN2 must be supplied with a clock equal to the fastest Tx path clock.
Bit 1: PLL Output Disconnect
Setting this register bit high disconnects the PLL output from the clock path. If the PLL is enabled, it
locks or stays locked as normal.
Register 0x03/04: Rx Power-Down
Bit 7: Rx_A Analog/
Rx_B Analog (Power-Down)
Either ADC or both ADCs can be powered down by setting the appropriate register bit high. The
entire analog circuitry of the Rx channel is powered down, including the differential references,
input buffer, and the internal digital block. The band gap reference remains active for quick
recovery.
Bit 6: Rx_A DC Bias/
Rx_B DC Bias (Power-Down)
Setting either of these bits high powers down the input common-mode bias network for the
respective channel and requires an input signal to be properly dc-biased. By default, these bits are
low, and the Rx inputs are self-biased to approximately AVDD/2 and accept an ac-coupled input.
Register 0x05: Rx Power-Down
Bit 7: Rx Analog Bias (Power-
Down)
Setting this bit high powers down all analog bias circuits related to the receive path (including the
differential reference buffer). Because bias circuits are powered down, there is an additional power
saving, but also a longer recovery time relative to other Rx power-down options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com