Electronic Components Datasheet Search
  English  ▼

X  

AM79C976 Datasheet(PDF) 268 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 268 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 264Page - Advanced Micro Devices AM79C976 Datasheet HTML 265Page - Advanced Micro Devices AM79C976 Datasheet HTML 266Page - Advanced Micro Devices AM79C976 Datasheet HTML 267Page - Advanced Micro Devices AM79C976 Datasheet HTML 268Page - Advanced Micro Devices AM79C976 Datasheet HTML 269Page - Advanced Micro Devices AM79C976 Datasheet HTML 270Page - Advanced Micro Devices AM79C976 Datasheet HTML 271Page - Advanced Micro Devices AM79C976 Datasheet HTML 272Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 309 page
background image
268
Am79C976
8/01/00
P R E L I M INARY
Notes:
1. IOL1 applies to all non LED pins.
IOL2 applies to LED0, LED1, LED2, LED3, and WUMI.
IOL3 applies to AD[31:0], C/BE[3:0], PAR, and REQ pins in a 5 V signaling environment.
IOL4 applies to FRAME, TRDY, IRDY, DEVSEL, STOP, SERR, PERR, and INTA.
2. VOH does not apply to open-drain output pins.
3. IOZ applies to all 3-state output and bidirectional pins, except the PME pin.
4. IIX applies to all input pins except PME, TDI, TCK, and TMS pins. Tests are performed at VIN = 0 V and at VDD only.
5. IIL and IIH apply to the TDI, TCK, and TMS pins.
6. IIX_PME applies to the PME pin only. Tests are performed at VIN = 0 V and 5.5 V only.
7. Parameter not tested. Value determined by characterization.
8. CCLK applies only to the CLK pin.
9. CIDSEL applies only to the IDSEL pin.
Power Supply Current
IDD
Dynamic Current
PCI CLK at 33 MHz, MII Interface at 25 MHz, Full-
Duplex operation, SRAM at 90 MHz
340
mA
IDD_WU1
Wake-up current when the device is
in the D1, D2, or D3 state and the
PCI bus is in the B0 or B1 state.
PCI CLK at 33 MHz, MII Interface at 25 MHz,
SRAM at 90 MHz. Device at Magic Packet or
OnNow mode, receiving non-matching packets
280
mA
IDD_WU2
Wake-up current when the device is
in the D2 or D3 state and the PCI bus
is in the B2 or B3 state.
PCI CLK LOW, MII Interface at 25 MHz, SRAM at
90 MHz, PG LOW, Device at Magic Packet or
OnNow mode, receiving non-matching packets
265
mA
IDD_S
Static IDD
PCI CLK, SRAM pins and MII pins LOW.
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com