Electronic Components Datasheet Search
  English  ▼

X  

80960CF-40 Datasheet(PDF) 8 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 8 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 4Page - Intel Corporation 80960CF-40 Datasheet HTML 5Page - Intel Corporation 80960CF-40 Datasheet HTML 6Page - Intel Corporation 80960CF-40 Datasheet HTML 7Page - Intel Corporation 80960CF-40 Datasheet HTML 8Page - Intel Corporation 80960CF-40 Datasheet HTML 9Page - Intel Corporation 80960CF-40 Datasheet HTML 10Page - Intel Corporation 80960CF-40 Datasheet HTML 11Page - Intel Corporation 80960CF-40 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
2
PRELIMINARY
80960CF-40, -33, -25, -16
A
Figure 1. 80960CF Block Diagram
Execution
Unit
Programmable
Bus Controller
Bus Request
Queues
Six-Port
Register File
64-Bit
SRC1 Bus
64-Bit
SRC2 Bus
64-Bit
DST Bus
32-Bit
Base Bus
128-Bit
Load Bus
128-Bit
Store Bus
Instruction
Instruction Cache
(4 Kbyte, Two-Way
Set Associative)
128-BIT CACHE BUS
Prefetch Queue
Interrupt Controller
Control
Address
Data
Memory-side
Machine Bus
Register-side
Machine Bus
Parallel
Instruction
Scheduler
Memory Region
Configuration
Multiply/Divide
Unit
Four-Channel
DMA Controller
Interrupt
Port
1 Kbyte
5 to 15 Sets
Register Cache
Data RAM
Address
Generation Unit
F_CF001A
DMA Port
1 Kbyte
Direct Mapped
Data Cache
The 80960CF, object code compatible with the 32-bit
80960 core Architecture, employs Special Function
Register extensions to control on-chip peripherals
and
instruction
set
extensions
to
shift
64-bit
operands and configure on-chip hardware. Multiple
128-bit internal buses, on-chip instruction caching
and a sophisticated instruction scheduler allow the
processor to sustain execution of two instructions
per clock with peak execution of three instructions
per clock.
A 32-bit demultiplexed and pipelined burst bus
provides a 132 Mbyte/s bandwidth to a system’s
high-speed external memory subsystem. Also, the
80960CF’s on-chip caching of instructions, proce-
dure context and critical program data substantially
decouples system performance from the wait states
associated with accesses to the system’s slower,
cost sensitive, main memory subsystem.
The 80960CF bus controller integrates full wait state
and bus width control for highest system perfor-
mance with minimal system design complexity.
Unaligned access and Big Endian byte order support
reduces the cost of porting existing applications to
the 80960CF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com